Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Sensors
Freescale Semiconductor, Inc.
37
MMA16xxKW
4.2.1.10
Write NVM Command
The Write NVM command is supported in the following command formats:
• Standard Long Command
• Enhanced Long Command as configured by the Format Control Command (Reference Section 4.2.1.11)
The device ignores the Write NVM command if the command is in any other format, or if the DSI device address is set to the
DSI Global Device Address of ‘0000’.
The Write NVM command uses the nibble address definitions in Table 2 and summarized in Table 39.
Writes to OTP occur only if the NV bit is set. The NV bit is set by the Initialization Command (reference Section 4.2.1.1). If the
NV bit is cleared when the command is executed, the mirror registers addressed by WA[3:0] are updated with the contents of
RD[3:0] and the DSI Device Address is returned regardless of the WA[3:0] value. If the Write NVM command is a request to
change the Device Address, the new Device Address is returned.
The DSI Bus idle voltage must exceed the minimum VPP voltage when programming the OTP array. No internal verification of
the VPP voltage is completed while writing is in process. To verify proper writes, it is recommend that the registers be read back
after writes to verify proper contents. The total Execution time for the Write NVM command is tPROG_BIT times the number of bits
being programmed (1 - 4 bits). Inter-frame spacing between the Write NVM command and the subsequent DSI command must
accommodate this timing.
Writes to the User Programmable OTP array using the Write NVM Command will update the mirror registers and result in a
change to the CRC calculation regardless of the state of the NV bit and the LOCK_U bit. A CRC mismatch will only be detected
if the LOCK_U bit is active (reference Section 3.2.2).
Table 34. Write NVM Command
Data
Address
Command
CRC
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
C[3]
C[2]
C[1]
C[0]
WA[3]
WA[2]
WA[1]
WA[0]
RD[3]
RD[2]
RD[1]
RD[0]
A[3]
A[2]
A[1]
A[0]
1001
0 to 8 bits
Table 35. Write NVM Command Bit Definitions
Bit Field
Definition
C[3:0]
Write NVM Command = ‘1001’
A[3:0]
DSI device address. This field contains the device address. This field must match the internal programmed address field. Otherwise, the command is
ignored.
RD[3:0]
RD[3:0] contains the data to be written to the OTP location addressed by WA[3:0] when the NV bit is set.
WA[3:0]
WA[3:0] contains the nibble address of the OTP register to be written to when the NV bit is set.
Table 36. Long Response - Write NVM Command (NV = 1)
Data
CRC
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
WA[3]
WA[2]
WA[1]
WA[0]
1
1
Bnk[1]
Bnk[0]
RD[3]
RD[2]
RD[1]
RD[0]
0 to 8 bits
Table 37. Long Response - Write NVM Command (NV = 0)
Data
CRC
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
00001111
A[3]
A[2]
A[1]
A[0]
0 to 8 bits
Table 38. Write NVM Response Bit Definitions
Bit Field
Definition
Bnk[1:0]
These bits provide the bank address selected in the Initialization command.
A[3:0]
DSI device address. This field contains the device address. This field must match the internal programmed address field. Otherwise, the command is
ignored.
RD[3:0]
RD[3:0] contains the contents of the registers addressed by WA[3:0] after the execution of the NVM write.
WA[3:0]
WA[3:0] contains the nibble address of the OTP register to be written to when the NV bit is set.


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com