Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Sensors
Freescale Semiconductor, Inc.
39
MMA16xxKW
4.2.1.11
Format Control Command
The Format Control command is supported in the following command formats:
• Standard Long Command
• Enhanced Long Command as configured by the Format Control Command (Reference Section 4.2.1.11)
The device ignores the Format Control command if the command is in any other format. The device supports the Format Con-
trol command with the DSI Global Address of ‘0000’, but does not provide a response.
The format control registers defined in the DSI Bus Standard V2.5 are shown in Table 44. The reset values assigned to each
register are also indicated.
Table 40. Format Control Command
Data
Address
Command
CRC
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
C[3]
C[2]
C[1]
C[0]
R/W
FA[2]
FA[1]
FA[0]
FD[3]
FD[2]
FD[1]
FD[0]
A[3]
A[2]
A[1]
A[0]
1010
0 to 8 bits
Table 41. Format Control Command Bit Definitions
Bit Field
Definition
C[3:0]
Format Control Command = ‘1010’
A[3:0]
DSI device address. This field contains the device address. This field must match the internal programmed address field. Otherwise, the
command is ignored.
FD[3:0]
Data to be written to the Format Control Register addressed by FA[2:0] if the R/W bit is set to ‘1’.
FA[2:0]
The Address of the Format Control Register to read or written.
R/W
Read/Write determines if the register at address FA[2:0] is to be read or written.
1 - Write FD[3:0] to the Format Control Register addressed by FA[2:0]
0 - Read the Format Control Register addressed by FA[2:0]
Table 42. Long Response - Format Control Command
Response
CRC
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
0110
R/W
FA[2]
FA[1]
FA[0]
FD[3]
FD[2]
FD[1]
FD[0]
0 to 8 bits
Table 43. Format Control Response Bit Definitions
Bit Field
Definition
FD[3:0]
The contents of the Format Control Register addressed by FA[2:0].
FA[2:0]
The Address of the Format Control Register that was read or written.
R/W
Read/Write indicates if the register at address FA[2:0] was read or written.
1 - FD[3:0] contains the data written to the Format Control Register addressed by FA[2:0]
0 - FD[3:0] contains the contents for the Format Control Register addressed by FA[2:0]
A[3:0]
DSI device address. This field contains the device address.
Table 44. Format Control Register Values
Format Control Register
Register Address
Reset Values
DSI Standard Values
Definition
FA[2] FA[1] FA[0] FD[3] FD[2] FD[1] FD[0] FD[3] FD[2] FD[1] FD[0]
CRC Polynomial - Low Nibble
00000010001
CRC Polynomial = X4+1
CRC Polynomial - High Nibble
00100010001
Seed - Low Nibble
01010101010
Seed = ‘1010’
Seed - High Nibble
01100000000
CRC Length (0 to 8)
10001000100
CRC Length = 4
Short Word Data Length (8 to 15)
10110001000
Short Command Length = 8
Reserved
11000000000
N/A
Format Selection
11100000000
N/A


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com