Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Sensors
40
Freescale Semiconductor, Inc.
MMA16xxKW
The following restrictions apply to format control register operations:
• Writes to the CRC Length Register of values greater than 8 are ignored. The contents of the register are
unchanged.
• Writes to the Short Word Data Length register of values less than 8 are ignored. The contents of the register are
unchanged.
The contents of the Format Selection register determine whether the standard DSI values or the values in the format control
registers are used. If the Format Selection register contains ‘1111’, the Format Control register values are active. Any write to the
Format Control registers will become active upon completion of the write. In this case, the response to a Format Control Com-
mand will maintain the format of the previous command resulting in an invalid response.
A write of ‘0000’ to the Format Selection register activates the standard DSI values.
A write to the Format Selection register of any other value is ignored.
4.2.1.12
Read Register Data Command
The Read Register Data command is supported in the following command formats:
• Standard Long Command
• Enhanced Long Command as configured by the Format Control Command (Reference Section 4.2.1.11)
The device ignores the Register Data command if the command is in any other format, or if the DSI device address is set to
the DSI Global Device Address of ‘0000’.
The read register command uses the byte address definitions shown in Table 2. Readable registers along with their Byte ad-
dresses are shown in Table 2.
Table 45. Read Register Data Command
Data
Address
Command
CRC
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
C[3]
C[2]
C[1]
C[0]
0000
RA[3]
RA[2]
RA[1]
RA[0]
A[3]
A[2]
A[1]
A[0]
1011
0 to 8 bits
Table 46. Read Register Data Command Bit Definitions
Bit Field
Definition
C[3:0]
Read Register Data Command = ‘1011’
A[3:0]
DSI device address. This field contains the device address. This field must match the internal programmed address field. Otherwise, the
command is ignored.
RA[3:0]
RA[3:0] contains the byte address of the register to be read.
Table 47. Long Response - Read Register Data Command
Data
CRC
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[3]
A[2]
A[1]
A[0]
RA[3]
RA[2]
RA[1]
RA[0]
RD[7]
RD[6]
RD[5]
RD[4]
RD[3]
RD[2]
RD[1]
RD[0]
0 to 8 bits
Table 48. Read Register Data Response Bit Definitions
Bit Field
Definition
RD7:0]
RD[7:0] contains the data of the register addressed by RA[3:0].
RA[3:0]
RA[3:0] contains the byte address of the register to be read.
A[3:0]
DSI device address. This field contains the device address. This field must match the internal programmed address field. Otherwise, the
command is ignored.


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com