Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 45Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
Sensors
Freescale Semiconductor, Inc.
43
MMA16xxKW
4.2.1.15
DSI Command #14
DSI Command ‘1110’ is not implemented. The device ignores all command formats with a command ID of ‘1110’.
4.2.1.16
Reverse Initialization Command
The Reverse Initialization Command is not implemented. The device ignores all command formats with a command ID of
‘1111’. The device ignores all command received on the BUSOUT pin.
4.3
Exception Handling
Table 59 summarizes the exception conditions detected by the device and the response for each exception.
Table 59. Exception Handling
Condition
Description
S ST U
Response
Exception
Self-Test
Request
Power On
Reset
N/A
Power Applied
Clear Command
1
1
0
– Reference Section 3.6
VREG
Under-Voltage
N/A
VREG < VPORCREG_f
– Device held in Reset.
– No response to DSI commands.
– Bus switch open within tBSOPEN.
– Device must be re-initialized when VREG returns above VPORCREG_r
VREGA
Under-Voltage
N/A
VREGA < VPORCREG_f
– Device held in Reset.
– No response to DSI commands.
– Bus switch open within tBSOPEN.
– Device must be re-initialized when VREGA returns above VPORCREGA_r
VHCAP
Under-Voltage
Transient
Disabled
VHCAP < VPORCREG_f for less
than tHCAP_POR, ST Disabled
001
– DSI Read Acceleration Data Short response = zero.
– DSI Read Acceleration Data Long response = normal.
– Device does not need to be re-initialized if VHCAP returns above
VPORHCAP_r before tHCAP_POR
Enabled
VHCAP < VPORCREG_f for less
than tHCAP_POR, ST Enabled
011
– DSI Read Acceleration Data Short response = self-test data.
– DSI Read Acceleration Data Long response = self-test data.
– Device does not need to be re-initialized if VHCAP returns above
VPORHCAP_r before tHCAP_POR
VHCAP
Under-Voltage
N/A
VHCAP < VPORCREG_f for longer
than tHCAP_POR
– Device is Reset and will continue to Reset every tHCAP_POR until VHCAP
returns above VPORHCAP_r, or an internal supply under-voltage condition
occurs.
– No response to DSI commands.
– Bus switch open within tBSOPEN.
– Device must be re-initialized when VHCAP returns above VPORHCAP_r
Capacitor Test
Failure
N/A
– Device is Reset and will continue to be reset every tPOR_CAPTEST until the
capacitor failure is removed.
– No response to DSI commands.
– Bus switch open within tBSOPEN.
– Device must be re-initialized when capacitor failure is removed.
DSI Frame
Timeout
N/A
VBUSIN < VTHF for longer than tTO
– Device is Reset and will continue to be reset every tTO until the BUSIN
voltage returns above VTHF or a supply under-voltage condition occurs.
– No response to DSI commands.
– Bus switch open within tBSOPEN.
– Device must be re-initialized when VBUSIN returns above VTHF
Fuse CRC
Fault
(Factory Array)
Disabled
CRC failure detected in factory
programmed OTP array and the
LOCK_F bit is set. ST Disabled
100
– DSI Read Acceleration Data Short response = zero.
– DSI Read Acceleration Data Long response = normal.
Enabled
CRC failure detected in factory
programmed OTP array and the
LOCK_F bit is set. ST Enabled
110
– DSI Read Acceleration Data Short response = zero.
– DSI Read Acceleration Data Long response = self-test data.
Fuse CRC
Fault
(User Array)
Disabled
CRC failure detected in User pro-
grammed OTP array and the
LOCK_U bit is set. ST Disabled
100
– DSI Read Acceleration Data Short response = zero.
– DSI Read Acceleration Data Long response = normal.
Enabled
CRC failure detected in User pro-
grammed OTP array and the
LOCK_U bit is set. ST Enabled
110
– DSI Read Acceleration Data Short response = zero.
– DSI Read Acceleration Data Long response = self-test data.
Temperature
Out of Range
Disabled
Temperature out of range, ST
Disabled.
100
– DSI Read Acceleration Data Short response = zero.
– DSI Read Acceleration Data Long response = normal.
Enabled
Temperature out of range, ST
Enabled.
110
– DSI Read Acceleration Data Short response = zero.
– DSI Read Acceleration Data Long response = self-test data.
Self-Test
Enabled
Enabled
ST Enabled
1
1
0
– Internal self-test circuitry enabled.
– DSI Read Acceleration Data Short response = self-test data.
– DSI Read Acceleration Data Long response = self-test data.
Self-Test
Lockout
Disabled
Two consecutive Disable Self-
Test DSI commands received.
000
– Internal self-test circuitry disabled.
– Enable Self-Test DSI command does not enable Self-Test. Normal
response to Enable Self-Test DSI command except the ST bit is not set.
– DSI Clear command or Reset disables lockout.


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com