Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Sensors
6
Freescale Semiconductor, Inc.
MMA16xxKW
2.3
Electrical Characteristics - Supply and I/O
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
2.4
Electrical Characteristics - DSI
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
21 Quiescent Supply Current
*
IDD
⎯⎯
8.0
mA
(1)
22
Inrush Current (excluding HCAP Capacitor charge current)
Power On until VREG Stable
IINRUSH
⎯⎯
20
mA
(3)
23
24
Internally Regulated Voltages
VREG
VREGA
VREG
VREGA
2.425
2.425
2.50
2.50
2.575
2.575
V
V
(1)
(1)
25
26
27
VHCAP Under-Voltage Detection (See Figure 5)
Under-Voltage Detection Threshold
VHCAP Recovery Threshold
Hysteresis (VPORHCAP_r - VPORHCAP_f)
VPORHCAP_f
VPORHCAP_r
VHYST_HCAP
5.8
70
6.0
100
6.2
6.3
140
V
V
mV
(3,6)
(3,6)
(3)
28
29
30
31
Internal Regulator Low Voltage Detection Threshold
VREG Falling
VREGA Falling
Hysteresis
VREG
VREGA
VPORVREG_f
VPORVREGA_f
VHYST_VREG
VHYST_VREGA
2.15
2.15
0.05
0.05
2.25
2.25
0.10
0.10
2.40
2.40
0.15
0.15
V
V
V
V
(3.6)
(3.6)
(3)
(3)
32
33
External Capacitor (CREG, CREGA)
Capacitance
ESR (including interconnect resistance)
CREG, CREGA
RCREGESR,
RCREGAESR
500
1000
1500
200
nF
m
Ω
(9)
(9)
34
Output High Voltage (PCM)
ILoad = 100 μAVOH
VREG - 0.1
⎯⎯
V(9)
35
Output Low Voltage (PCM)
ILoad = 100 μAVOL
⎯⎯
0.1
V
(9)
36
37
Temperature Monitoring
Under-Temperature Monitor Threshold
Over-Temperature Monitor Threshold
TUNDER
TOVER
155
-55
°C
°C
(9)
(9)
#
Characteristic
Symbol
Min
Typ
Max
Units
38
BUSOUT Bus Switch Resistance
0V
≤ VBUSIN ≤ 30 V, ISW = 160 mA
*RSW
4.0
8.0
Ω
(1)
39
HCAP Rectifier Leakage Current
VBUSIN = 0 V, VHCAP = 9.0V
*
IRLKG
⎯⎯
100
μA(1)
40
41
BUSIN to HCAP Rectifier Voltage Drop (VBUSIN = 7 V)
IHCAP = -15 mA
IHCAP = -100 mA
*
*
VRECT
VRECT
0.75
0.9
1.0
1.2
V
V
(1)
(1)
42
43
BUSIN Bias Current
VBUSIN = 8.0V, VHCAP = 9.0V
VBUSIN = 4.5V, VHCAP = 24V, No Response Current
*IBUSIN_BIAS
IBUSIN_BIAS
-100
-100
100
100
μA
μA
(1)
(1)
44
45
BUSOUT Bias Current
VBUSOUT = 8.0V, VHCAP = 9.0V
VBUSOUT = 4.5V, VHCAP = 24 V, No Response Current
*IBUSOUT_BIAS
IBUSOUT_BIAS
-100
-100
100
100
μA
μA
(1)
(1)
46 BUSOUT Discharge Resistance
RBUSOUT_Discharge
3500
8000
Ω
(3)
47
BUSIN Response Current
VBUSIN = 4.0 V
*
IRESP
9.9
11
12.1
mA
(1)
48
49
BUSIN to BUSOUT Leakage Current (BUS SWITCH open)
VBUSIN = 24.0V, VBUSOUT = 0V
VBUSIN = 0V, VBUSOUT = 16V
*ISW_Leak
IRSW_Leak
-20
-20
20
20
μA
μA
(1)
(1)
50
51
BUSIN Logic Thresholds
Signal Threshold
Frame Threshold
*
*
VTHS
VTHF
2.8
5.5
3.0
6.0
3.2
6.5
V
V
(1)
(1)
52
53
BUSIN Logic Hysteresis
Signal
Frame
*
*
VHYSS
VHYSF
30
100
90
300
mV
mV
(3)
(3)


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com