Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Sensors
Freescale Semiconductor, Inc.
7
MMA16xxKW
2.5
Electrical Characteristics - Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
54
55
56
57
58
59
60
Sensitivity (10-bit @ 100Hz referenced to 0 Hz)
50g Range
62.5g Range
125g Range
187g Range
312g Range
Total Sensitivity Error (including non-linearity)
TA = 25°C
TL ≤ TA ≤ TH
*
*
*
*
*
*
*
SENS
SENS
SENS
SENS
SENS
ΔSENS_25
ΔSENS
-5
-7
10.24
8.192
4.096
2.731
1.638
+5
+7
LSB/g
LSB/g
LSB/g
LSB/g
LSB/g
%
%
(1,14)
(1,14)
(1,14)
(1,14)
(1,14)
(1)
(1)
61
Digital Offset
10-bit output
*
OFF10Bit
460
512
564
LSB
(1)
62
63
Range of Output (10-Bit Mode)
Acceleration
Internal Error
RANGEACC
RANGEERR
1
0
1023
LSB
LSB
(3)
(3)
64
65
Cross-Axis Sensitivity
X-axis to Z-axis
Y-axis to Z-axis
VXZ
VYZ
-5
-5
+5
+5
%
%
(3)
(3)
66 ADC Output Noise Peak (1 Hz - 1 kHz, 10-Bit)
nSD
-4
+4
LSB
(3)
67 System Output Noise (10-Bit, RMS, All Ranges)
nRMS
⎯⎯
+1.2
LSB
(3)
68 Non-linearity (all ranges)
NLOUT
-2
+2
%
(3)


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com