Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Sensors
14
Freescale Semiconductor, Inc.
MMA16xxKW
3.1.2
Device Type Register (TYPE)
The Device Type Register is an OTP configuration register which contains device configuration information. Bit 5 - Bit 0 are
factory programmed and are included in the factory programmed OTP CRC verification. These bits are read only to the user. Bit
7 - Bit 6 are user programmable OTP bits and are included in the user programmable OTP CRC verification.
3.1.2.1
Low-Pass Filter Selection Bits (LPF[1:0]) (TYPE[7:6])
The Low-Pass Filter selection bit selects between one of three low-pass filter options. These bits can be factory or user pro-
grammed.
This filter option is not implemented. LPF[1:0] must not be set to this value to guarantee proper operation and performance.
3.1.2.2
Range Selection Bits (RNG[3:0]) (TYPE[3:0])
The Range Selection Bits indicate the full-scale range of the device, as shown below. These bits are factory programmed.
Table 3. Factory Configuration Register
Location
Bit
RA[3:0]
Register
WA[3:0]
7
6
5
4
WA[3:0]
3
2
1
0
$04
TYPE
Bnk0 $08
LPF[1]
LPF[0]
0
0
RNG[3]
RNG[2]
RNG[1]
RNG[0]
Factory Default
0000
0000
LPF[1]
LPF[0]
Low-Pass Filter Selected
0
0
400 Hz, 4-Pole
0
1
Not Enabled1
1
0
180 Hz, 2-Pole
1
1
800 Hz, 4-Pole
RNG[3]
RNG[2]
RNG[1]
RNG[0]
Full-Scale Range
g-Cell Design
0000
N/A
N/A
0001
N/A
N/A
0010
50g
Medium-g
0011
62g
Medium-g
0100
125g
Medium-g
0101
187g
High-g
0110
312g
High-g
0111
N/A
N/A
1000
Reserved
N/A
1001
1010
1011
1100
1101
1110
1111


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com