Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Sensors
Freescale Semiconductor, Inc.
15
MMA16xxKW
3.1.3
Device Configuration Register (DEVCFG)
The Device configuration register is a user programmable OTP register which contains device configuration information. This
register is included in the user register CRC check. Refer to Section 3.2.2 for details regarding the CRC for the user programma-
ble OTP array.
3.1.3.1
Device ID Bit (DEVCFG[7])
The Device ID Bit is a user programmable bit which allows the user to select between 2 device IDs. The Device ID is trans-
mitted in response to the Request ID DSI command. Reference Section 4.2.1.5 for more information regarding the Request ID
DSI command. This bit can be factory or user programmed.
3.1.3.2
User Configuration CRC (CRC_U[2:0], DEVCFG[2:0])
The User Configuration CRC bits contain the 3-bit CRC used for verification of the user programmable OTP array. Reference
Section 3.2.2 for details regarding the CRC for the user programmable OTP array. These bits can be factory or user programmed.
3.1.4
Device Configuration Register 1 (DEVCFG1)
The Device configuration register is a user programmable OTP register which contains device configuration information. This
register is included in the user register CRC check. Refer to Section 3.2.2 for details.
3.1.4.1
User Specific Data 00 Bits (UD00[5:0], DEVCFG1[7:2])
The User Specific Data bits have no impact on the device function or performance. The bits can be programmed with user or
assembly specific information. These bits can be factory or user programmed.
3.1.4.2
Attribute Bits (AT_OTP[1:0], DEVCFG1[1:0])
The Attribute Bits are user defined bits which are transmitted in response to the Request Status, Disable Self-Test Stimulus or
Enable Self-Test Stimulus DSI commands. The transmitted values are qualified by the LOCK_U bit as shown in the table below.
These bits can be factory or user programmed.
Table 4. Device Control Register
Location
Bit
RA[3:0]
Register
WA[3:0]
7
6
5
4
WA[3:0]
3
2
1
0
$05
DEVCFG
Bnk0 $0A
DEVID
000
Bnk0 $09
0
CRC_U[2] CRC_U[1] CRC_U[0]
Factory Default
1000
0000
DEVID
Device ID
0
‘00110’
1
‘00100’
Table 5. Device Control Register 1
Location
Bit
RA[3:0]
Register
WA[3:0]
7
6
5
4
WA[3:0]
3
2
1
0
$06
DEVCFG1
Bnk2 $06
UD00[5]
UD00[4]
UD00[3]
UD00[2]
Bnk1 $06
UD00[1]
UD00[0]
AT_OTP[1] AT_OTP[0]
Factory Default
0000
0000
LOCK_U
DEVCFG1 Values
DSI Transmitted Values
AT_OTP[1]
AT_OTP[0]
AT[1]
AT[0]
0X
X
1
0
1
0000
0101
1010
1111


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com