![]() |
Electronic Components Datasheet Search |
|
MMA16XXKW Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc |
|
|
MMA16XXKW Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc |
16 / 45 page ![]() Sensors 16 Freescale Semiconductor, Inc. MMA16xxKW 3.1.5 Device Configuration 2 Register (DEVCFG2) Device configuration register 2 is a user programmable OTP register which contains device configuration information. This register is included in the user register CRC check. Refer to Section 3.2.2 for details regarding the CRC for the user programma- ble OTP array. 3.1.5.1 User Configuration Lock Bit (LOCK_U, DEVCFG2[7]) The LOCK_U bit is a factory or user programmed OTP bit which inhibits writes to the user configuration array when active. Reference Section 3.2.2 for details regarding the LOCK_U bit and CRC verification. 3.1.5.2 PCM Bit (DEVCFG2[5]) The PCM Bit enables the PCM output pin. When the PCM bit is set, the PCM output pin is active and outputs a Pulse Code Modulated signal proportional to the acceleration response. Reference Section 3.5.3.6 for more information regarding the PCM output. When the PCM output is cleared, the PCM output pin is actively pulled low. This bit can be factory or user programmed. 3.1.5.3 Device Address (ADDR[3:0], DEVCFG2[3:0]) The Device Address bits define the preprogrammed DSI Bus device address. If the Device Address bits are programmed to ‘0000’, there is not preprogrammed address, and the address must be assigned via the Initialization DSI command. Reference Section 4.2.1.1 for more details regarding the Initialization DSI command. These bits can be factory or user programmed. 3.1.6 User Data Registers (UDx) The User Data Registers are user programmable OTP register which can be programmed with user or assembly specific in- formation. These registers have no impact on the device performance, but are included in the user register CRC check. Refer to Section 3.2.2 for details regarding the user register CRC check. These registers can be factory or user programmed. Table 6. Device Control Register Location Bit RA[3:0] Register WA[3:0] 7 6 5 4 WA[3:0] 3 2 1 0 $07 DEVCFG2 Bnk0 $07 Bnk2 $07 Bnk3 $07 Bnk3 $0F LOCK_U UNUSED PCM RESERVED Bnk1 $07 ADDR[3] ADDR[2] ADDR[1] ADDR[0] Factory Default 0000 0000 Location Bit RA[3:0] Register WA[3:0] 7 6 5 4 WA[3:0] 3 2 1 0 $08 UD01 Bnk2 $08 UD01[7] UD01[6] UD01[5] UD01[4] Bnk1 $08 UD01[3] UD01[2] UD01[1] UD01[0] $09 UD02 Bnk2 $09 UD02[7] UD02[6] UD02[5] UD02[4] Bnk1 $09 UD02[3] UD02[2] UD02[1] UD02[0] $0A UD03 Bnk2 $0A UD03[7] UD03[6] UD03[5] UD03[4] Bnk1 $0A UD03[3] UD03[2] UD03[1] UD03[0] $0B UD04 Bnk2 $0B UD04[7] UD04[6] UD04[5] UD04[4] Bnk1 $0B UD04[3] UD04[2] UD04[1] UD04[0] $0C UD05 Bnk2 $0C UD05[7] UD05[6] UD05[5] UD05[4] Bnk1 $0C UD05[3] UD05[2] UD05[1] UD05[0] $0D UD06 Bnk2 $0D UD06[7] UD06[6] UD06[5] UD06[4] Bnk1 $0D UD06[3] UD06[2] UD06[1] UD06[0] $0E UD07 Bnk2 $0E UD07[7] UD07[6] UD07[5] UD07[4] Bnk1 $0E UD07[3] UD07[2] UD07[1] UD07[0] $0F UD08 Bnk2 $0F UD08[7] UD08[6] UD08[5] UD08[4] Bnk1 $0F UD08[3] UD08[2] UD08[1] UD08[0] Factory Default 0000 0000 |
Similar Part No. - MMA16XXKW |
|
Similar Description - MMA16XXKW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |