Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Sensors
18
Freescale Semiconductor, Inc.
MMA16xxKW
3.3
Voltage Regulators
The device derives its internal supply voltage from the HCAP supply voltage. The device includes separate internal voltage
regulators for the analog (VREGA) and digital circuitry (VREG). External filter capacitors are required, as shown in Figure 1.
The voltage regulator module includes voltage monitoring circuitry which holds the device in reset following power-on until the
HCAP and internal voltages have stabilized sufficiently for proper operation. The voltage monitor asserts internal reset when the
HCAP supply or internally regulated voltages fall below predetermined levels. A reference generator provides a stable voltage
which is used by the
ΣΔ converter.
Figure 9. Voltage Regulation and Monitoring
3.3.1
CREG and CREGA Regulator Capacitor
The internal regulator requires an external capacitor between the CREG pin and VSS pin, and the CREGA pin and VSSA pin for
stability. Figure 1 shows the recommended types and values for each of these capacitors.
3.3.2
VHCAP Voltage Monitor
The device includes a circuit to monitor the voltage on the HCAP pin. If the voltage falls below the specified threshold in
Section 2, the device will be reset within the reset delay time (tHCAP_POR) specified in Section 2.7.
CREGA
CREG
HCAP
VOLTAGE
REGULATOR
REFERENCE
GENERATOR
VREGA = 2.50 V
DIGITAL
LOGIC
DSP
OTP
ARRAY
OSCILLATOR
ΣΔ
CONVERTER
BIAS
GENERATOR
TRIM
TRIM
VREF_MOD = 1.250 V
VREG = 2.50 V
BANDGAP
REFERENCE
VBUF
VREF
VREGA
POR
VREF
COMPARATOR
COMPARATOR
HCAP
COMPARATOR
VREGA
VREG
VOLTAGE
REGULATOR
Analog Filter Delay
tVREG_POR
Analog Filter Delay
tVREG_POR
Digital Delay
tHCAP_POR
VOLTAGE
REGULATOR
VBUF


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com