Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA16XXKW Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMA16XXKW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA16XXKW Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMA16XXKW Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA16XXKW Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Sensors
20
Freescale Semiconductor, Inc.
MMA16xxKW
3.5
Acceleration Signal Path
3.5.1
Transducer
The device transducer is an overdamped mass-spring-damper system described by the following transfer function:
where:
ζ = Damping Ratio
ωn = Natural Frequency = 2∗Π∗fn
Reference Section 2.8 for transducer parameters.
3.5.2
ΣΔ Converter
The sigma delta converter provides the interface between the g-cell and the DSP block. The output of the
ΣΔ converter is a
data stream at a nominal frequency of 1 MHz.
Figure 12.
ΣΔ Converter Block Diagram
3.5.3
Digital Signal Processing Block
A digital signal processing (DSP) block is used to perform signal filtering and compensation operations. A diagram illustrating
the signal processing flow within the DSP block is shown in Figure 13.
Figure 13. Signal Chain Diagram
Hs
()
ω
n
2
s
2
2
ξω
n
s
⋅⋅
ω
n
2
++
------------------------------------------------------
=
1-BIT
QUANTIZER
z-1
1 - z-1
z-1
1 - z-1
FIRST
INTEGRATOR
SECOND
INTEGRATOR
α1=
β1
α2
β2
VX
CINT1
g-cell
CBOT
CTOP
ΔC = CTOP - CBOT
ΣΔ_OUT
V =
±2 × VREF
ADC
DAC
V =
ΔC x VX / CINT1
ΣΔ_OUT
Sinc Filter
1z D
D1
z 1
()
×
---------------------------------
3
a
0
n
11
n
12
z 1
()
n
13
z 2
()
++
d
11
d
12
z 1
()
d
13
z 2
()
++
-----------------------------------------------------------------------------
n
21
n
22
z 1
()
n
23
z 2
()
++
d
21
d
22
z 1
()
d
23
z 2
()
++
-----------------------------------------------------------------------------
⋅⋅
Low-Pass Filter
Output
OUTPUT
Compensation
A
B
E
C
D
F
Interpolation
Scaling


Similar Part No. - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA16XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com