Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA51XXKW Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA51XXKW
Description  PSI5 Inertial Sensor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA51XXKW Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA51XXKW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA51XXKW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA51XXKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA51XXKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA51XXKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA51XXKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA51XXKW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA51XXKW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA51XXKW Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
Sensors
Freescale Semiconductor, Inc.
7
MMA51xxKW
2.4
Electrical Characteristics - Sensor and Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
2.5
Electrical Characteristics - Self-Test and Overload
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
54
55
56
57
58
59
60
61
62
63
Sensitivity (10-bit output @ 100 Hz, referenced to 0 Hz)
±60g Range
±120g Range
±240g Range
±480g Range
Total Sensitivity Error (including non-linearity)
TA = 25°C, ≤ ±240g
TL ≤ TA ≤ TH, ≤ ±240g
TL ≤ TA ≤ TH, ≤ ±240g, VVCC_UV_F ≤ VCC ≤ VL
TA = 25°C, > ±240g
TL ≤ TA ≤ TH, > ±240g
TL ≤ TA ≤ TH, > ±240g, VVCC_UV_F ≤ VCC ≤ VL
*
*
*
*
*
*
*
*
SENS
SENS
SENS
SENS
ΔSENS_240
ΔSENS_240
ΔSENS_240
ΔSENS_480
ΔSENS_480
ΔSENS_480
-5
-7
-7
-5
-7
-7
8
4
2
1
+5
+7
+7
+5
+7
+7
LSB/g
LSB/g
LSB/g
LSB/g
%
%
%
%
%
%
(1)
(1)
(1)
(1)
(1)
(1)
(9)
(1)
(1)
(9)
64
65
Digital Offset Before Offset Cancellation
10-bit
10-bit, TL ≤ TA ≤ TH, VVCC_UV_F ≤ VCC ≤ VL
*
OFF10Bit
OFF10Bit
-52
-52
0
0
+52
+52
LSB
LSB
(1)
(9)
66
67
Digital Offset After Offset Cancellation
10-bit, 0.3 Hz HPF or 0.1 Hz HPF
10-bit, 0.04 Hz HPF
*
*
OFF10Bit
OFF10Bit
-1
-2
0
0
+1
+2
LSB
LSB
(1)
(9)
68
Continuous Offset Monitor Limit
10-bit output, before compensation
OFFMON
-66
+66
LSB
(3)
69
Range of Output (10-Bit Mode)
Acceleration
RANGE
-480
+480
LSB
(3)
70
71
Cross-Axis Sensitivity
X-axis to Z-Axis
Y-axis to Z-Axis
*
*
VXZ
VYZ
-5
-5
+5
+5
%
%
(3)
(3)
72 System Output Noise Peak (10-bit Mode, 1 Hz - 1 kHz, All Ranges)
*
nPeak
-4
+4
LSB
(3)
73 System Output Noise RMS (10-bit mode, 1 Hz - 1 kHz, All Ranges)
*
nRMS
——
+1.0
LSB
(3)
74
75
Non-linearity
10-bit output
, ≤ ±240g
10-bit output, > ±240g
NLOUT_240g
NLOUT_480g
-2
-2
+2
+2
%
%
(3)
(3)
#
Characteristic
Symbol
Min
Typ
Max
Units
76
77
78
79
10-Bit Output During Active Self-Test (TL ≤ TA ≤ TH)
±60g Range
±120g Range
±240g Range
±480g Range
*
*
*
*
gST10_60Z
gST10_120Z
gST10_240Z
gST10_480Z
120
40
35
12
280
160
153
94
LSB
LSB
LSB
LSB
(3)
(3)
(3)
(3)
80
81
Acceleration (without hitting internal g-cell stops)
±60g Range Positive
±60g Range Negative
gg-cell_Clip60ZP
gg-cell_Clip60ZN
425
-1205
642
-720
980
-512
g
g
(9)
(9)
82
83
Acceleration (without hitting internal g-cell stops)
±120g Range Positive
±120g Range Negative
gg-cell_Clip120ZP
gg-cell_Clip120ZN
425
-1205
642
-720
980
-512
g
g
(9)
(9)
84
85
Acceleration (without hitting internal g-cell stops)
±240g Range Positive
±240g Range Negative
gg-cell_Clip240ZP
gg-cell_Clip240ZN
1450
-3100
2180
-2210
2800
-1800
g
g
(9)
(9)
86
87
Acceleration (without hitting internal g-cell stops)
±480g Range Positive
±480g Range Negative
gg-cell_Clip480ZP
gg-cell_Clip480ZN
2200
-3700
2800
-3220
3300
-2780
g
g
(9)
(9)
88
89
ΣΔ and Sinc Filter Clipping Limit
±60g Range Positive
±60g Range Negative
gADC_Clip60ZP
gADC_Clip60ZN
159
-334
238
-274
336
-216
g
g
(9)
(9)
90
91
ΣΔ and Sinc Filter Clipping Limit
±120g Range Positive
±120g Range Negative
gADC_Clip120ZP
gADC_Clip120ZN
305
-693
433
-544
577
-414
g
g
(9)
(9)
92
93
ΣΔ and Sinc Filter Clipping Limit
±240g Range Positive
±240g Range Negative
gADC_Clip240ZP
gADC_Clip240ZN
836
-1909
1178
-1566
1599
-1245
g
g
(9)
(9)
94
95
ΣΔ and Sinc Filter Clipping Limit
±480g Range Positive
±480gZ Range Negative
gADC_Clip480ZP
gADC_Clip480ZN
1591
-3217
2014
-2856
2478
-2524
g
g
(9)
(9)


Similar Part No. - MMA51XXKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA51XXKW NXP-MMA51XXKW Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
More results

Similar Description - MMA51XXKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
   MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
logo
Freescale Semiconductor...
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
   Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
MMA52XXLW NXP-MMA52XXLW Datasheet
1Mb / 59P
   Xtrinsic MMA52xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA51XXKW NXP-MMA51XXKW Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
logo
Freescale Semiconductor...
MMA51XXAKW FREESCALE-MMA51XXAKW Datasheet
467Kb / 35P
   Xtrinsic MMA51xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXLW NXP-MMA51XXLW Datasheet
1Mb / 60P
   Xtrinsic MMA51xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA52XXAKW NXP-MMA52XXAKW Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com