Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4279 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE4279
Description  5-V Low-Drop Fixed Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4279 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE4279 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLE 4279
Semiconductor Group
5
1998-11-01
Circuit Description
The control amplifier compares a reference voltage, made highly accurate by resistance
balancing, with a voltage proportional to the output voltage and drives the base of the
series PNP transistor via a buffer. Saturation control as a function of the load current
prevents any over-saturation of the power element.
In the reset generator block a comparator compares a reference voltage independent of
the input voltage with the scaled-down output voltage. If the output voltage reaches 4.6 V
the reset delay capacitor is discharged and the reset output is set to low. This low is
guaranteed down to an output voltage of 1 V. As the output voltage increases again,
from 4.6 V onward the reset delay capacitor is charged with constant current. When the
capacitor voltage reaches the upper switching threshold
V
dt, the reset returns to high. By
choosing the value of this capacitor, the reset delay time can be selected over a wide
range. With the reset threshold input RE it is possible to lower the reset threshold
V
rt. If
pin RE is connected to pin Q via a voltage divider, for example, the reset condition is
reached when this voltage is decreased below the switching threshold
V
re of 1.35 V.
Another comparator compares the signal of the pin SI, normally fed by a voltage divider
from the input voltage, with the reference and gives an early warning on the pin SO. It is
also possible to superwise an other voltage e.g. of a second regulator, or to build a
watchdog circuit with few external components.
Application Description
The input capacitor
C
I is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
I, the oscillating circuit consisting of input inductivity and input
capacitance can be damped. The output capacitor C
Q is necessary for the stability of the
regulating circuit. Stability is guaranteed at values
≥ 10 µF and an ESR ≤ 10 Ω within the
operating temperature range. Both reset output and sense output are open collector
outputs and have to be connected to 5 V output via external pull-up resistors
≥ 10 kΩ.
For small tolerances of the reset delay the spread of the capacitance of the delay
capacitor and its temperature coefficient should be noted.


Similar Part No. - TLE4279

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4279 INFINEON-TLE4279 Datasheet
267Kb / 18P
   5-V Low Drop Fixed Voltage Regulator
Rev. 2.4, 2007-03-20
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42794E INFINEON-TLE42794E Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42794E INFINEON-TLE42794E Datasheet
1Mb / 32P
   Very low Current Consumption
TLE42794G INFINEON-TLE42794G Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
More results

Similar Description - TLE4279

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com