Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5643L Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MPC5643L_12 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
105
Figure 16. Functional Reset Sequence Short
The reset sequences shown in Figure 15 and Figure 16 are triggered by functional reset events. RESET is driven low during
these two reset sequences only if the corresponding functional reset source (which triggered the reset sequence) was enabled to
drive RESET low for the duration of the internal reset sequence1.
3.19.3
Reset sequence trigger mapping
The following table shows the possible trigger events for the different reset sequences. It specifies the reset sequence start
conditions as well as the reset sequence end indications that are the basis for the timing data provided in Table 31.
1.See RGM_FBRE register for more details.
PHASE3
DRUN
Application
Execution
TFRS, min < TReset < TFRS, max
Reset Sequence Trigger
Reset Sequence Start Condition
RESET_B
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com