Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5643L Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC5643L Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
101
3.17
SWG electrical characteristics
3.18
AC specifications
3.18.1
Pad AC specifications
Table 29. MPC5643L SWG Specifications
Symbol
Parameter
Value
Minimum
Typical
Maximum
T
Input clock
12 MHz
16 MHz
20 MHz
T
Frequency Range
1kHz
50 kHz
T
Peak to Peak1
1 Peak to Peak value is measured with no R or I load.
0.4 V
2.0V
T
Peak to Peak variation2
2 Peak to Peak excludes noise, SiNAD must be considered.
-6%
6%
T
Common Mode3
3 Common mode value is measured with no R or I load.
1.3 V
T
Common Mode variation
-6%
6%
TSiNAD4
4 SiNAD is measured at Max Peak to Peak voltage.
45 dB
T
Load C
25 pF
100 pF
T
Load I
0
A
100
A
T
ESD Pad Resistance5
5 Internal device routing resistance. ESD pad resistance is in series and must be considered for max Peak to Peak
voltages, depending on application I load and/or R load.
230
360
Table 30. Pad AC specifications (3.3 V , IPP_HVE = 0 )1
No.
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
Frequency
(MHz)
Current slew3
(mA/ns)
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
1
Slow
T
3
40
——
40
——
4
0.01
2
25
3
40
——
50
——
2
0.01
2
50
3
40
75
2
0.01
2
100
3
40
100
2
0.01
2
200
2
Medium
T
1
15
12
40
2.5
7
25
1
15
25
20
2.5
7
50
1
15
40
13
2.5
7
100
1
15
70
7
2.5
7
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com