Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5643LFF2MLQ8 Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # SPC5643LFF2MLQ8
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2MLQ8 Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2MLQ8 Datasheet HTML 103Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 104Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 105Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 106Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 107Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 108Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 109Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 110Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
107
3.19.4
Reset sequence — start condition
The impact of the voltage thresholds on the starting point of the internal reset sequence are becoming important if the voltage
rails / signals ramp up with a very slow slew rate compared to the overall reset sequence duration.
3.19.4.1
Destructive reset
Figure 17 shows the voltage threshold that determines the start of the Destructive Reset Sequence, BIST enabled and the start
for the Destructive Reset Sequence, BIST disabled.
Figure 17. Reset sequence start for Destructive Resets
3.19.4.2
External reset via RESET
Figure 18 shows the voltage thresholds that determine the start of the reset sequences initiated by the assertion of RESET as
specified in Table 32.
Table 33. Voltage Thresholds
Variable name
Value
Vmin
Refer to Table 18
Vmax
Refer to Table 18
Supply Rail
VDD_HV_PMU
TReset, max starts here
TReset, min starts here
Supply Rail
Vmax
t
V
Vmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com