Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5643LFF2MLQ8 Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # SPC5643LFF2MLQ8
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2MLQ8 Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2MLQ8 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 133Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 134Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ8 Datasheet HTML 136Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 132 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Document revision history
Freescale Semiconductor
132
6
(cont.)
11 Mar 2011
(cont.)
In the “ADC conversion characteristics” table:
• Changed DNL min from -2 to -1.
• Changed OFS min from -2 to -6.
• Changed OFS max from 2 to 6.
• Changed GNE min from -2 to -6.
• Changed GNE max from 2 to 6.
• Changed SNR min from 69 to 67.
• Changed TUE min (without current injection) from -6 to -8.
• Changed TUE max (without current injection) from 6 to 8.
• Changed TUE min (with current injection) from -8 to -10.
• Changed TUE max (with current injection) from 8 to 10.
7
25 Mar 2011
In the “Description” section, changed the first paragraph and its bullets to paragraph form
only.
In the “Voltage regulator electrical specifications“ table, changed the CV1V2 Min value from
“—“ to 300 nF, and changed the Max value from 300 nF to 900 nF.
In the “Supply current characteristics (cut2)“ table, corrected the “IDD_LV_TYP
+IDD_LV_PLL“ values as follows:
• Changed the maximum value for “TJ = ambient“ from “279 mA+
2.10 mA*fCPU“ to “279 mA”.
• Changed the maximum value for “TJ = 150 C“ from “318 mA+
2.30 mA*fCPU“ to 318 mA.
• Changed the frequency multiplier “fCPU” in the max value to read “fCPU[MHz]“ for
“IDD_LV_FULL +IDD_LV_PLL“ and “IDD_LV_TYP +IDD_LV_PLL“.
In the “JTAG pin AC electrical characteristics“ table:
• Changed tJCYC min from 100ns to 62.5ns.
• Changed tJDC units from “ns” to “%”.
In the “Nexus debug port timing“ table:
• Changed tTCYC min from 40ns to 62.5 ns.
• Changed tJOV parameter description from “TCK Low to TDO Data Valid“ to “TCK Low
to TDO/RDY Data Valid“.
Changed “DDR” to “Double Data Rate (DDR)“ in the “Nexus DDR Mode output timing“
figure.
Changed “TDO” to “TDO/RDY” in the “Nexus TDI, TMS, TDO timing“ figure.
Removed “fmax” from the “DSPI timing” table.
Table 41. Revision history (continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com