Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5643LFF2MMM8 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # SPC5643LFF2MMM8
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2MMM8 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2MMM8 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 102Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 103Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 104Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 105Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 106Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
103
3.19.2
Reset sequence description
The figures in this section show the internal states of the chip during the five different reset sequences. The doted lines in the
figures indicate the starting point and the end point for which the duration is specified in Table 31. The start point and end point
conditions as well as the reset trigger mapping to the different reset sequences is specified in Section 3.19.3, Reset sequence
trigger mapping.
With the beginning of DRUN mode the first instruction is fetched and executed. At this point application execution starts and
the internal reset sequence is finished.
The figures below show the internal states of the chip during the execution of the reset sequence and the possible states of the
signal pin RESET.
NOTE
RESET is a bidirectional pin. The voltage level on this pin can either be driven low by an
external reset generator or by the chip internal reset circuitry. A high level on this pin can
only be generated by an external pull up resistor which is strong enough to overdrive the
weak internal pull down resistor. The rising edge on RESET in the following figures
indicates the time when the device stops driving it low. The reset sequence durations given
in table Table 31 are applicable only if the internal reset sequence is not prolonged by an
external reset generator keeping RESET asserted low beyond the last PHASE3.
Figure 12. Destructive Reset Sequence, BIST enabled
Table 31. RESET sequences
No.
Symbol
Parameter
Conditions
TReset
Unit
Min
Typ
Max1
1 The maximum value is applicable only if the reset sequence duration is not prolonged by an extended assertion of RESET
by an external reset generator.
1TDRB
CC
Destructive Reset Sequence, BIST enabled
40
47
51
ms
2TDR
CC
Destructive Reset Sequence, BIST disabled
—
500
4200
5000
s
3TERLB
CC
External Reset Sequence Long, BIST enabled
41
45
49
ms
4TFRL
CC
Functional Reset Sequence Long
—
35
150
400
s
5TFRS
CC
Functional Reset Sequence Short
—
1
4
10
s
PHASE3
BIST
PHASE1,2
PHASE0
PHASE1,2
PHASE3
Establish IRC
and PWR
Flash init
Device
Config
Self Test
Setup
DRUN
LBIST
MBIST
Flash init
Device
Config
Application
Execution
TDRB, min < TReset < TDRB, max
Reset Sequence Start Condition
Reset Sequence Trigger
RESET_B
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com