Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM148-N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM148-N
Description  LM148/LM248/LM348 Quad 741 Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM148-N Datasheet(HTML) 3 Page - Texas Instruments

  LM148-N Datasheet HTML 1Page - Texas Instruments LM148-N Datasheet HTML 2Page - Texas Instruments LM148-N Datasheet HTML 3Page - Texas Instruments LM148-N Datasheet HTML 4Page - Texas Instruments LM148-N Datasheet HTML 5Page - Texas Instruments LM148-N Datasheet HTML 6Page - Texas Instruments LM148-N Datasheet HTML 7Page - Texas Instruments LM148-N Datasheet HTML 8Page - Texas Instruments LM148-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM148
LM248
LM348
Supply Voltage
±22V
±18V
±18V
Differential Input Voltage
±44V
±36V
±36V
Output Short Circuit Duration (Note 1)
Continuous
Continuous
Continuous
Power Dissipation (P
d at 25˚C) and
Thermal Resistance (
θ
jA), (Note 2)
Molded DIP (N) P
d
750 mW
θ
jA
100˚C/W
Cavity DIP (J) P
d
1100 mW
800 mW
700 mW
θ
JA
110˚C/W
110˚C/W
110˚C/W
Maximum Junction Temperature (T
jMAX)
150˚C
110˚C
100˚C
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
−25˚C
≤ T
A
≤ +85˚C
0˚C
≤ T
A
≤ +70˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.) Ceramic
300˚C
300˚C
300˚C
Lead Temperature (Soldering, 10 sec.) Plastic
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
260˚C
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
215˚C
215˚C
Infrared (15 seconds)
220˚C
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface
mount
devices.
ESD tolerance (Note 5)
500V
500V
500V
Electrical Characteristics
(Note 3)
Parameter
Conditions
LM148
LM248
LM348
Units
Min
Typ Max Min
Typ Max Min
Typ Max
Input Offset Voltage
T
A = 25˚C, RS
≤ 10 kΩ
1.0
5.0
1.0
6.0
1.0
6.0
mV
Input Offset Current
T
A = 25˚C
4
25
4
50
4
50
nA
Input Bias Current
T
A = 25˚C
30
100
30
200
30
200
nA
Input Resistance
T
A = 25˚C
0.8
2.5
0.8
2.5
0.8
2.5
M
Supply Current All Amplifiers
T
A = 25˚C, VS = ±15V
2.4
3.6
2.4
4.5
2.4
4.5
mA
Large Signal Voltage Gain
T
A = 25˚C, VS = ±15V
50
160
25
160
25
160
V/mV
V
OUT = ±10V, RL
≥ 2kΩ
Amplifier to Amplifier
T
A = 25˚C,f=1Hzto20kHz
Coupling
(Input Referred) See Crosstalk
−120
−120
−120
dB
Test Circuit
Small Signal Bandwidth
T
A = 25˚C,
LM148 Series
1.0
1.0
1.0
MHz
Phase Margin
T
A = 25˚C,
LM148 Series (A
V =1)
60
60
60
degrees
Slew Rate
T
A = 25˚C,
LM148 Series (A
V =1)
0.5
0.5
0.5
V/µs
Output Short Circuit Current
T
A = 25˚C
25
25
25
mA
Input Offset Voltage
R
S
≤ 10 kΩ
6.0
7.5
7.5
mV
Input Offset Current
75
125
100
nA
www.national.com
2


Similar Part No. - LM148-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM148-N TI-LM148-N Datasheet
1Mb / 22P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
More results

Similar Description - LM148-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM348-N TI-LM348-N Datasheet
1Mb / 22P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
   Quad 741 Op Amps
logo
Texas Instruments
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
[Old version datasheet]   Quad 741 Op Amps
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
   Quad 741 Op Amps
LM148 NSC-LM148 Datasheet
388Kb / 15P
   Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
   Dual/Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com