Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP251 Datasheet(PDF) 1 Page - Texas Instruments

Part # VP251
Description  INDUSTRIAL CAN TRANSCEIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VP251 Datasheet(HTML) 1 Page - Texas Instruments

  VP251 Datasheet HTML 1Page - Texas Instruments VP251 Datasheet HTML 2Page - Texas Instruments VP251 Datasheet HTML 3Page - Texas Instruments VP251 Datasheet HTML 4Page - Texas Instruments VP251 Datasheet HTML 5Page - Texas Instruments VP251 Datasheet HTML 6Page - Texas Instruments VP251 Datasheet HTML 7Page - Texas Instruments VP251 Datasheet HTML 8Page - Texas Instruments VP251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
D
DRJ
P
1
4
5
8
functiondiagram
(positivelogic)
1
7
6
4
5
3
8
VCC
Vref
D
RS
R
CANH
CANL
2
3
6
7
R
V
CC
GND
D
CANL
CANH
R
S
V
ref
SN55HVD251
SN65HVD251
www.ti.com
SLLS545E – NOVEMBER 2002 – REVISED MARCH 2010
INDUSTRIAL CAN TRANSCEIVER
Check for Samples: SN55HVD251, SN65HVD251
1
FEATURES
DESCRIPTION
Drop-In Improved Replacement for the
The HVD251 is intended for use in applications
PCA82C250 and PCA82C251
employing the Controller Area Network (CAN) serial
communication physical layer in accordance with the
Bus-Fault Protection of ±36 V
ISO
11898
Standard.
The
HVD251
provides
Meets or Exceeds ISO 11898
differential
transmit
capability
to
the
bus
and
Signaling Rates(1) Up to 1 Mbps
differential receive capability to a CAN controller at
speeds up to 1 megabits per second (Mbps).
High Input Impedance Allows up to 120 Nodes
on a Bus
Designed for operation in harsh environments, the
Bus Pin ESD Protection Exceeds 14 kV HBM
device features cross-wire, overvoltage and loss of
ground protection to ±36 V. Also featured are
Unpowered Node Does Not Disturb the Bus
overtemperature protection as well as -7 V to 12 V
Low-Current Standby Mode — 200 µA Typical
common-mode range, and tolerance to transients of
Thermal Shutdown Protection
±200 V. The transceiver interfaces the single-ended
CAN controller with the differential CAN bus found in
Glitch-Free Power-Up and Power-Down Bus
industrial,
building
automation,
and
automotive
Protection For Hot-Plugging
applications.
DeviceNet Vendor ID # 806
Rs, pin 8, selects one of three different modes of
(1)
The signaling rate of a line is the number of voltage
operation: high-speed, slope control, or low-power
transitions that are made per second expressed in bps (bits
mode. The high-speed mode of operation is selected
per second).
by
connecting
pin
8
to
ground,
allowing
the
transmitter output transistors to switch as fast as
APPLICATIONS
possible with no limitation on the rise and fall slope.
CAN Data Buses
The rise and fall slope can be adjusted by connecting
Industrial Automation
a resistor to ground at pin 8; the slope is proportional
SAE J1939 Standard Data Bus Interface
to the pin's output current. Slope control with an
external resistor value of 10 k
Ω gives ~ 15 V/µs slew
NMEA 2000 Standard Data Bus Interface
rate; 100 k
Ω gives ~ 2 V/µs slew rate.
If a high logic level is applied to the Rs pin 8, the
device enters a low-current standby mode where the
driver is switched off and the receiver remains active.
The local protocol controller returns the device to the
normal mode when it transmits to the bus.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - VP251

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
VP2-0066-R COOPER-VP2-0066-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
VP2-0066-R EATON-VP2-0066-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Cooper Bussmann, Inc.
VP2-0083-R COOPER-VP2-0083-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
VP2-0083-R EATON-VP2-0083-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Cooper Bussmann, Inc.
VP2-0116-R COOPER-VP2-0116-R Datasheet
444Kb / 8P
   Inductors and Transformers
More results

Similar Description - VP251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3051 AD-ADM3051 Datasheet
271Kb / 16P
   High Speed Industrial CAN Transceiver
REV. 0
logo
Infineon Technologies A...
IFX1051LE INFINEON-IFX1051LE_15 Datasheet
1Mb / 31P
   Industrial High Speed CAN-FD Transceiver
Rev. 0.92, 2015-07-28
IFX1051 INFINEON-IFX1051 Datasheet
992Kb / 30P
   Industrial High Speed CAN-FD Transceiver
Rev. 1.0 2017-03-15
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com