Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3104SC Datasheet(PDF) 3 Page - Texas Instruments

Part # TLK3104SC
Description  3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3104SC Datasheet(HTML) 3 Page - Texas Instruments

  TLK3104SC Datasheet HTML 1Page - Texas Instruments TLK3104SC Datasheet HTML 2Page - Texas Instruments TLK3104SC Datasheet HTML 3Page - Texas Instruments TLK3104SC Datasheet HTML 4Page - Texas Instruments TLK3104SC Datasheet HTML 5Page - Texas Instruments TLK3104SC Datasheet HTML 6Page - Texas Instruments TLK3104SC Datasheet HTML 7Page - Texas Instruments TLK3104SC Datasheet HTML 8Page - Texas Instruments TLK3104SC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TLK3104SCGNT
3.125Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
SLLS537A − SEPTEMBER 2002 − REVISED JANUARY 2007
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
flow-through pin out
The TLK3104SCGNT provides a flow-through pinout that allows easy board signal trace routing without need
to cross either high-speed differential serial pins or parallel LVDS pins. This flow-through pinout allows for
optimum signal integrity without the need for additional board layers to isolate crossing signals. The following
figure displays the flow-through pinout of the TLK3104SCGNT.
TDA
TDB
RDA
RDB
TDD
RDD
Rx0
Tx0
Rx1
Tx1
Tx2
Rx2
Rx3
Tx3
CH A
CH D
CH C
CH B
TLK3104SCGNT
CHNL
A
CHNL
D
CHNL
B
RDC
TDC
CHNL
C


Similar Part No. - TLK3104SC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SAGNT TI1-TLK3104SAGNT Datasheet
619Kb / 43P
QUAD 3.125 Dbps SERIAL TRANSCEIVER
TLK3104SA TI1-TLK3104SA_09 Datasheet
619Kb / 43P
QUAD 3.125 Dbps SERIAL TRANSCEIVER
More results

Similar Description - TLK3104SC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SA TI1-TLK3104SA_09 Datasheet
619Kb / 43P
QUAD 3.125 Dbps SERIAL TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
Texas Instruments
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
3.125 Gbps Differential Buffer
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304 Datasheet
382Kb / 19P
Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
logo
NXP Semiconductors
74F3893 PHILIPS-74F3893 Datasheet
72Kb / 10P
Quad futurebus backplane transceiver
1991 Jan 18
logo
Motorola, Inc
MC74F3893A MOTOROLA-MC74F3893A Datasheet
37Kb / 5P
QUAD FUTUREBUS BACKPLANE TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com