Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564L54X Datasheet(PDF) 110 Page - STMicroelectronics

Part # SPC564L54X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54X Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SPC564L54X Datasheet HTML 106Page - STMicroelectronics SPC564L54X Datasheet HTML 107Page - STMicroelectronics SPC564L54X Datasheet HTML 108Page - STMicroelectronics SPC564L54X Datasheet HTML 109Page - STMicroelectronics SPC564L54X Datasheet HTML 110Page - STMicroelectronics SPC564L54X Datasheet HTML 111Page - STMicroelectronics SPC564L54X Datasheet HTML 112Page - STMicroelectronics SPC564L54X Datasheet HTML 113Page - STMicroelectronics SPC564L54X Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 160 page
background image
Electrical characteristics
SPC56XL60/54
110/160
Doc ID 15457 Rev 8
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2V supplies
Tj=150C
VDD_LV_COR = 1.2V
DPM Mode
——
253
mA
IDD_LV_STOP
T
Operating current in
VDD STOP mode
TJ =ambient
VDD_LV_COR =1.32V
——
50
mA
T
TJ =55 °C
VDD_LV_COR =1.32V
——
57
P
TJ = 150 °C
VDD_LV_COR =1.32V
——
72
IDD_LV_HALT
T
Operating current in
VDD HALT mode
TJ =ambient
VDD_LV_COR =1.32V
——
58
mA
T
TJ =55 °C
VDD_LV_COR =1.32V
——
64
P
TJ = 150 °C
VDD_LV_COR =1.32V
——
80
IDD_HV_ADC
(3),
(4)
T Operating current
TJ = 150 °C
120 MHz
ADC operating at
60 MHz
VDD_HV_ADC =3.6 V
——
10
mA
IDD_HV_AREF
(4)
T Operating current
TJ = 150 °C
120 MHz
ADC operating at
60 MHz
VDD_HV_REF =3.6 V
——
3
mA
TJ = 150 °C
120 MHz
ADC operating at
60 MHz
VDD_HV_REF =5.5 V
——
5
IDD_HV_OSC
T Operating current
TJ = 150 °C
3.3 V supplies
120 MHz
——
900
μA
IDD_HV_FLASH
(5)
T Operating current
TJ = 150 °C
3.3 V supplies
120 MHz
——
4
mA
1.
Devices configured for DPM mode, single core only with Core 0 executing typical code at 120 MHz from SRAM and Core 1
in reset. If core execution mode not specified, the device is configured for LSM mode with both cores executing typical code
at 120 MHz from SRAM.
2.
Enabled Modules in 'Typical mode': FlexPWM0, ETimer0/1/2, CTU, SWG, DMA, FlexCAN0/1, LINFlex, ADC1, DSPI0/1,
PIT, CRC, PLL0/1, I/O supply current excluded
3.
Internal structures hold the input voltage less than VDDA + 1.0 V on all pads powered by VDDA supplies, if the maximum
injection current specification is met (3 mA for all pins) and VDDA is within the operating voltage specifications.
Table 21.
Current consumption characteristics (continued)
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com