Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 118 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 118 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 122Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
118
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R7 (07h)
Additional
control
11
VMID_FAST_S
TART
0
VMID (fast-start) Enable
0 = Disabled
1 = Enabled
10
VMID_REF_SE
L
0
VMID Source Select
0 = LDO supply (LDOVDD)
1 = LDO output (LDOVOUT)
9
VMID_CTRL
0
VMID Ratio control
Sets the ratio of VMID to the source selected by
VMID_REF_SEL
0 = 5/11
1 = 1/2
8
STARTUP_BIA
S_ENA
0
Start-Up Bias Enable
0 = Disabled
1 = Enabled
7
BIAS_SRC
0
Bias Source select
0 = Normal bias
1 = Start-Up bias
6:5
VMID_RAMP
[1:0]
00
VMID soft start enable / slew rate control
00 = Disabled
01 = Fast soft start
10 = Normal soft start
11 = Slow soft start
4
VMID_ENA
0
VMID Enable
0 = Disabled
1 = Enabled
3:0
SR[3:0]
1101
Audio Sample Rate select
0011 = 8kHz
0100 = 11.025kHz
0101 = 12kHz
0111 = 16kHz
1000 = 22.05kHz
1001 = 24kHz
1011 = 32kHz
1100 = 44.1kHz
1101 = 48kHz
Register 07h Additional control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R8 (08h)
FLL Control
1
12:11
FLL_CLK_REF
_DIV[1:0]
00
FLL Clock Reference Divider
00 = MCLK / 1
01 = MCLK / 2
10 = MCLK / 4
11 = MCLK / 8
MCLK (or other input reference) must be divided down
to <=13.5MHz.
For lower power operation, the reference clock can be
divided down further if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com