Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 157 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 157 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 161Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
157
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R146 (92h)
SE2_5BEQ_
L2B
15:0
SE2_5BEQ_L2
B[15:0]
1111_0011
_0111_001
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 92h SE2_5BEQ_L2B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R147 (93h)
SE2_5BEQ_
L2C
15:0
SE2_5BEQ_L2
C[15:0]
0000_1010
_0101_010
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 93h SE2_5BEQ_L2C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R148 (94h)
SE2_5BEQ_
L3P
15:0
SE2_5BEQ_L3
P[15:0]
0001_0001
_0000_001
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 94h SE2_5BEQ_L3P
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R149 (95h)
SE2_5BEQ_
L3A
15:0
SE2_5BEQ_L3
A[15:0]
0001_0110
_1000_111
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 95h SE2_5BEQ_L3A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R150 (96h)
SE2_5BEQ_
L3B
15:0
SE2_5BEQ_L3
B[15:0]
1111_1000
_0010_100
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 96h SE2_5BEQ_L3B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R151 (97h)
SE2_5BEQ_
L3C
15:0
SE2_5BEQ_L3
C[15:0]
0000_0111
_1010_110
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 97h SE2_5BEQ_L3C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R152 (98h)
SE2_5BEQ_
L4P
15:0
SE2_5BEQ_L4
P[15:0]
0100_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 98h SE2_5BEQ_L4P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com