Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 175 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 175 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 175Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 175 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
175
REVISION HISTORY
DATE
REV
DESCRIPTION OF CHANGES
PAGE
CHANGED BY
11/10/10
4.0
Product Status updated to Production Data
Added comment about ADC volume being in digital filter block
Added comment about DAC volume being in digital filter block
Notch filter plots updated
Added note about DAC_VOL_RAMP rate
30
47
36
48
15/05/11
4.1
Added note about LDOVDD being enabled before SPKVDD to
ensure pop-free start-up
8
JJ
25/06/12
4.2
Package Diagram updated to DM063B
172
JMacD
26/06/12
4.2
Added note that SYSCLK is required for Volume Update functions.
Noted the notch filter is not usable below 120Hz
25, 47, 59
35
PH
04/07/12
4.2
Reel quantity changed to 5,000
6
JMacD/TS
27/07/12
4.3
Package Diagram dimensions updated in Features
1
JMacD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com