Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT7522 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FT7522
Description  Reset Timer with Fixed Delay and Reset Pulse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT7522 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FT7522 Datasheet HTML 1Page - Fairchild Semiconductor FT7522 Datasheet HTML 2Page - Fairchild Semiconductor FT7522 Datasheet HTML 3Page - Fairchild Semiconductor FT7522 Datasheet HTML 4Page - Fairchild Semiconductor FT7522 Datasheet HTML 5Page - Fairchild Semiconductor FT7522 Datasheet HTML 6Page - Fairchild Semiconductor FT7522 Datasheet HTML 7Page - Fairchild Semiconductor FT7522 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT7522 • Rev. 1.0.0
4
DC Electrical Characteristics
The values reported are valid for any of the following ranges:
TA=-40°C to +85°C at VCC=1.8V to 5.0V,
TA=-25°C to +85°C at VCC=1.7V to 5.0V,
TA=0°C to +85°C at VCC=1.65V to 5.0V.
Symbol
Parameter
Condition
Min.
Max.
Unit
VIH
Input High Voltage
DSR, /SR0
0.65 x VCC
V
VIL
Input Low Voltage
DSR, /SR0
0.25 x VCC
V
VOL
Low Level Output Voltage
RST, IOL=500µA
0.3
V
IIN
Input Leakage Current (/SR0, DSR)
0V
 V
IN  5.0V
1.0
µA
ICC
Quiescent Supply Current (Timer Inactive) /SR0=VCC
1
µA
Dynamic Supply Current (Timer Active)
/SR0=0V
100
µA
AC Electrical Characteristics
The values reported are valid for any of the following ranges:
TA=-40°C to +85°C at VCC=1.8V to 5.0V,
TA=-25°C to +85°C at VCC=1.7V to 5.0V,
TA=0°C to +85°C at VCC=1.65V to 5.0V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tPHL1
Timer Delay, /SR0 to RST (DSR=0)
CL=5pF, RL=5K, See Figure 6
6.0
7.5
9.0
s
tREC
Reset Timeout Delay
320
400
480
ms
Capacitance Specifications
TA=+25C.
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC=GND
4.0
pF
COUT
Output Capacitance
VCC=5.0V
5.0
pF


Similar Part No. - FT7522

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
FT7522L6X ONSEMI-FT7522L6X Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
More results

Similar Description - FT7522

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FTL7522 FAIRCHILD-FTL7522 Datasheet
1Mb / 8P
   Low ICCT Reset Timer with Fixed Delay and Reset Pulse
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com