Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT8010MPX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FT8010MPX
Description  Reset Timer with Configurable Delay Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT8010MPX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FT8010MPX Datasheet HTML 1Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 2Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 3Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 4Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 5Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 6Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 7Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 8Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT8010 • Rev. 1.0.7
4
Functional Description
The FT8010 reset timer uses an internal oscillator and a
two-stage, 21-bit counter to determine when the output
pins switch. Time N is set by the hard-wired logic level
of the DSR pin. N is either 7.5 ±20% seconds for
DSR=LOW or 11.25 ±20% seconds for DSR=HIGH.
Table 1.
FT8010 Truth Table
DSR
Reset Timer ( +-20% )
0
7.50s
1
11.25s
The two input pins, /SR0 and /SR1, drive voltage
comparators that compare the voltage on the input with
the voltage set by the reference block. A low input signal
on both /SR0 and /SR1 starts the oscillator. The
oscillator sends data pulses to the digital core, which
includes the counter. There are two scenarios for
counting, as described below: short duration and long
duration. In the short-duration scenario, outputs /RST1
and RST2 are not affected. In the long duration
scenario, the outputs change state after time N. The
outputs return to their original states when a HIGH input
signal occurs on either /SR0 or /SR1.
The /RST1 output is an open-drain driver. When the count
time exceeds time N, the /RST1 output drives LOW. The
RST2 output is a push-pull driver. When the count time
exceeds time N, the RST2 output drives HIGH.
The TRIG pin should be tied GND or LOW during
normal operation. The TRIG pin is a test mode pin used
for SCAN testing.
Application Note
IMPORTANT
: The DSR pin must be tied to VCC or GND
to provide a HIGH or LOW voltage level. The voltage
level on the DSR pin determines the length of the
configurable delay. It is important that the voltage level
on the DSR pin not change during normal operation.
The DSR pin must be tied directly to VCC or GND before
SR0 or SR1 buttons go LOW. Do not use pull-up or pull-
down resistors on the DSR pin.
Short Duration (tW < N)
In this case, both input /SR0 and /SR1 are LOW for a
duration tW which is shorter than time N. When an input
goes LOW, the internal timer starts counting. The input
goes HIGH before time N. The timer stops counting and
resets and no changes occur on the outputs (see Figure 4).
/SR0
/SR1
/RST1
/RST2
Description
L
H
L
The timer starts counting when both inputs go LOW. The timer stops
counting and resets when either input goes HIGH. No changes occur on the
outputs, Both /SR0 and /SR1 need to be LOW to activate (start) the timer.
L
H
L
Figure 4.
Short Duration Waveform


Similar Part No. - FT8010MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT8010MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com