Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT8010MPX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FT8010MPX
Description  Reset Timer with Configurable Delay Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT8010MPX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FT8010MPX Datasheet HTML 2Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 3Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 4Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 5Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 6Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 7Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 8Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 9Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT8010 • Rev. 1.0.7
6
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Condition
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7
V
VIN
DC Input Voltage
/SR0, /SR1, TRIG, DSR
-0.5
7
V
VOUT
Output Voltage
(4)
/RST1 HIGH or LOW
-0.5
7
V
RST2 HIGH or LOW
-0.5
Vcc+0.5
/RST1, RST2, VCC=0
-0.5
7
IIK
DC Input Diode Current
VIN < 0 V
-50
mA
IOK
DC Output Diode Current
VOUT < 0 V
-50
mA
VOUT > VCC
+50
IOH/IOL
DC Output Source/Sink Current
-50
+50
mA
ICC
DC VCC or Ground Current per Supply Pin
100
mA
TSTG
Storage Temperature Range
-65
+150
C
TJ
Junction Temperature under Bias
+150
C
TL
Junction Lead Temperature, Soldering 10 Seconds
+260
C
PD
Power Dissipation
5
mW
ESD
Electrostatic Discharge Capability
Human Body Model, JESD22-A114
4
kV
Charged Device Model, JESD22-C101
2
Note:
4.
IO absolute maximum rating must be observed.


Similar Part No. - FT8010MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT8010MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com