Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT8010MPX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FT8010MPX
Description  Reset Timer with Configurable Delay Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT8010MPX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FT8010MPX Datasheet HTML 4Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 5Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 6Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 7Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 8Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 9Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 10Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 11Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT8010 • Rev. 1.0.7
8
AC Electrical Characteristics
Unless otherwise specified, conditions of TA=-40 to 80C with VCC=1.8 - 5.0V OR TA=-25 to 85C with VCC=1.7 – 5V OR
TA=0 to 85C with VCC=1.65 – 5V produce the performance characteristics below.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
t
PHL1
Timer Delay, /SRn to /RST1,
(DSR=0)
CL=5 pF, RL=5 k
See Figure 6
6.0
7.5
9.0
s
Timer Delay, /SRn to /RST1,
(DSR=1)
CL=5 pF, RL=5 k
See Figure 6
9.00
11.25
13.50
s
t
PLH2
Propagation Delay, /SRn to
/RST1, (DSR=0 or 1)
CL=5 pF, RL=5 k
See Figure 6
220
310
ns
t
PLH1
Timer Delay, /SRn to RST2,
(DSR=0)
CL=5 pF,RL=10 k
See Figure 7
6.0
7.5
9.0
s
Timer Delay, /SRn to RST2,
(DSR=1)
CL=5 pF, RL=10 k
See Figure 7
9.00
11.25
13.50
s
t
PHL2
Propagation Delay, /SRn to
RST2,(DSR=0 or 1)
CL=5 pF, RL=10 k
See Figure 7
210
300
ns
Capacitance Specifications
TA=+25C.
Symbol
Parameter
Conditions
Typical
Unit
C
IN
Input Capacitance
VCC=GND
4.0
pF
C
OUT
Output Capacitance
VCC=5.0 V
5.0
pF


Similar Part No. - FT8010MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT8010MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com