Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT8010MPX Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # FT8010MPX
Description  Reset Timer with Configurable Delay Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT8010MPX Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FT8010MPX Datasheet HTML 5Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 6Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 7Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 8Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 9Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 10Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 11Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 12Page - Fairchild Semiconductor FT8010MPX Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT8010 • Rev. 1.0.7
12
Physical Dimensions (Continued)
Figure 9.
8-Lead, Molded Leadless Package (MLP), 2.0 x 2.0 x 0.8 mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
BOTTOM VIEW
SIDE VIEW
TOP VIEW
NOTES:
A. PACKAGE CONFORMS TO JEDEC MO-229,
VARIATION W2020D EXCEPT WHERE NOTED.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION BASED
ON PCB MATRIX CALCULATOR V2009.
E. IF CENTER PAD IS NOT SOLDERED TO, NO
EXPOSED METAL IS ALLOWED IN THE TOP
LAYER OF THE BOARD IN THE AREA SHOWN.
F. DRAWING FILENAME: MKT-MLP08Rrev2.
0.05
0.00
0.80 MAX
0.10 C
0.08 C
(0.20)
C
SEATING
PLANE
PIN1
IDENT
2.00
2.00
A
B
2X
2X
0.10 C
0.10 C
85
14
0.10
CA B
0.05
C
PIN 1
IDENT
0.50
0.65
0.45
0.25
0.15 8X
8X
RECOMMENDED LAND PATTERN
(NSMD PAD TYPE)
OPTION #1: NO CENTER PAD
(0.25)
(0.90)
1.80
0.50
8X
8X
OPTION #2: WITH CENTER PAD
E
TOP LAYER
CU KEEP
OUT AREA
0.90
(1.35)
A
(0.25)
(0.90)
1.80
0.50
8X
8X
0.90
(0.35)
1.35 MAX
0.40 MAX


Similar Part No. - FT8010MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010MPX ONSEMI-FT8010MPX Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
More results

Similar Description - FT8010MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com