Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT10001 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FT10001
Description  Reset Timer with Fixed Delay and Reset Pulse
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT10001 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FT10001 Datasheet HTML 1Page - Fairchild Semiconductor FT10001 Datasheet HTML 2Page - Fairchild Semiconductor FT10001 Datasheet HTML 3Page - Fairchild Semiconductor FT10001 Datasheet HTML 4Page - Fairchild Semiconductor FT10001 Datasheet HTML 5Page - Fairchild Semiconductor FT10001 Datasheet HTML 6Page - Fairchild Semiconductor FT10001 Datasheet HTML 7Page - Fairchild Semiconductor FT10001 Datasheet HTML 8Page - Fairchild Semiconductor FT10001 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT10001 • Rev 1.0.1
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Condition
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage
/SR0, DSR
-0.5
7.0
V
VOUT
Output Voltage
(2)
/RST1
-0.5
7.0
V
IIK
DC Input Diode Current
VIN < 0V
-50
mA
IOK
DC Output Diode Current
VOUT < 0V
-50
mA
IOL
DC Output Sink Current
+50
mA
ICC
DC VCC or Ground Current per Supply Pin
100
mA
TSTG
Storage Temperature Range
-65
+150
C
TJ
Junction Temperature Under Bias
+150
C
TL
Junction Lead Temperature, Soldering 10 Seconds
+260
C
PD
Power Dissipation
5
mW
ESD
Electrostatic Discharge Capability
Human Body Model, JESD22-A114
4
kV
Charged Device Model, JESD22-C101
2
Note:
2.
All output current Absolute Maximum Ratings must be observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Condition
Min.
Max.
Unit
VCC
Supply Voltage
-40
C to +85C
1.8
5.0
V
-25
C to +85C
1.7
5.0
0
C to +85C
1.65
5.00
tRFC
VCC Recovery Time After Power Down
VCC=0V After Power Down,
Rising to 0.5V
5
ms
VIN
Input Voltage
/SR0
0
5
V
VOUT
Output Voltage
/RST1
0
5
V
IOL
DC Output Sink Current
/RST1, VCC=2.0V to 5.0V
+0.5
mA
TA
Free-Air Operating Temperature
-40
+85
C
JA
Thermal Resistance
350
°C/W


Similar Part No. - FT10001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
FT10001FHX ONSEMI-FT10001FHX Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
FT10001L6X ONSEMI-FT10001L6X Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
More results

Similar Description - FT10001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FTL7522 FAIRCHILD-FTL7522 Datasheet
1Mb / 8P
   Low ICCT Reset Timer with Fixed Delay and Reset Pulse
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com