Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT10001 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FT10001
Description  Reset Timer with Fixed Delay and Reset Pulse
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FT10001 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FT10001 Datasheet HTML 1Page - Fairchild Semiconductor FT10001 Datasheet HTML 2Page - Fairchild Semiconductor FT10001 Datasheet HTML 3Page - Fairchild Semiconductor FT10001 Datasheet HTML 4Page - Fairchild Semiconductor FT10001 Datasheet HTML 5Page - Fairchild Semiconductor FT10001 Datasheet HTML 6Page - Fairchild Semiconductor FT10001 Datasheet HTML 7Page - Fairchild Semiconductor FT10001 Datasheet HTML 8Page - Fairchild Semiconductor FT10001 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT10001 • Rev 1.0.1
4
DC Electrical Characteristics
Conditions of TA=-40°C to 80°C with VCC=1.8V - 5.0V OR TA=-25°C to 85°C with VCC=1.7V – 5.0V OR TA=0°C to
85°C with VCC=1.65V – 5.00V produce the performance characteristics below.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VIH
Input High Voltage
DSR, /SR0
0.65 x VCC
V
VIL
Input Low Voltage
DSR, /SR0
0.25 x
VCC
V
VOL
Low Level Output Voltage
RST, IOL=500µA
0.3
V
RPU
Integrated Pull-Up Resistor on /SR0
50
kΩ
IIN
Input Leakage Current /SR0
VIN= VCC
1
µA
Input Leakage Current DSR
0V
 VIN  5.0V
1
ICC
Quiescent Supply Current
(Timer Inactive)
/SR0=VCC
1
µA
Dynamic Supply Current (Timer Active) /SR0=0V
200
AC Electrical Characteristics
Conditions of TA=-40°C to 80°C with VCC=1.8V - 5.0V OR TA=-25°C to 85°C with VCC=1.7V – 5.0V OR TA=0°C to
85°C with VCC=1.65V – 5.00V produce the performance characteristics below.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
t
PHL1
Timer Delay, /SR0 to RST (DSR=0)
CL=5pF, RL=5K,
See Figure 4
8
10
12
s
tREC
Reset Timeout Delay
420
530
635
ms
Capacitance Specifications
TA=+25C.
Symbol
Parameter
Condition
Typ.
Unit
C
IN
Input Capacitance
VCC=GND
4
pF
C
OUT
Output Capacitance
VCC=5.0V
5
pF


Similar Part No. - FT10001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
FT10001FHX ONSEMI-FT10001FHX Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
FT10001L6X ONSEMI-FT10001L6X Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
More results

Similar Description - FT10001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FTL7522 FAIRCHILD-FTL7522 Datasheet
1Mb / 8P
   Low ICCT Reset Timer with Fixed Delay and Reset Pulse
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com