Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310CGEB/V Datasheet(PDF) 130 Page - Wolfson Microelectronics plc

Part # WM8310CGEB/V
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310CGEB/V Datasheet(HTML) 130 Page - Wolfson Microelectronics plc

Back Button WM8310CGEB/V Datasheet HTML 126Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 127Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 128Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 129Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 130Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 131Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 132Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 133Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 134Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
130
21 GENERAL PURPOSE INPUTS / OUTPUTS (GPIO)
21.1 GENERAL DESCRIPTION
The WM8310 has 12 general-purpose input/output (GPIO) pins, GPIO1 - GPIO12. These can be
configured as inputs or outputs, active high or active low, with optional on-chip pull-up or pull-down
resistors. GPIO outputs can either be CMOS driven or Open Drain configuration. Each GPIO pin can
be tri-stated and can also be used to trigger Interrupts.
The function of each GPIO pin is selected individually. Different voltage power domains are selectable
on a pin by pin basis. Input de-bounce is automatically implemented on selected GPIO functions.
21.2 GPIO FUNCTIONS
The list of GPIO functions supported by the WM8310 is contained in Table 72 (for input functions) and
Table 73 (for output functions). The input functions are selected when the respective GPn_DIR
register bit is 1. The output functions are selected when the respective GPn_DIR register bit is 0.
The selected function for each GPIO pin is selected by writing to the respective GPn_FN register bits.
All functions are available on all GPIO pins. The polarity of each input or output GPIO function can be
selected using the applicable GPn_POL register bit.
The available power domains for each pin are specific to different GPIOs.
The de-bounce time for the GPIO input functions is determined by the GPn_FN field. Some of the
input functions allow a choice of de-bounce times, as detailed in Table 72.
The register controls for configuring the GPIO pins are defined in Section 21.3.
GPn_FN
GPIO INPUT
FUNCTION
DESCRIPTION
DE-BOUNCE
TIME
0h
GPIO
GPIO input. Logic level is read from the
GPn_LVL register bits. See Section 21.3.
32
s to 64s
1h
4ms to 8ms
2h
ON/OFF
Request
Control input for requesting an ON/OFF state
transition. See Section 11.3.
Under default polarity (GPn_POL=1), a rising
edge requests the ON state and a falling edge
requests the OFF state.
32ms 64ms
3h
SLEEP/WAKE
Request
Control input for requesting a SLEEP/WAKE
state transition. See Section 11.3.
Under default polarity (GPn_POL=1), a rising
edge requests the SLEEP state and a falling
edge requests the WAKE transition to the ON
state.
32
s to 64s
4h
32ms to 64ms
5h
SLEEP
Request
Control input for requesting a SLEEP state
transition. See Section 11.3.
Under default polarity (GPn_POL=1), a rising
edge requests the SLEEP state and a falling
edge has no effect.
32
s to 64s
6h
ON Request
Control input for requesting an ON state
transition. See Section 11.3.
Under default polarity (GPn_POL=1), a rising
edge requests the ON state and a falling edge
has no effect.
32
s to 64s
7h
Watchdog
Reset
Control input for resetting the Watchdog Timer.
See Section 25.
32
s to 64s
8h
Hardware DVS
control 1
Control input for selecting the DVS output
voltage in one or more DC-DC Converters.
See Section 15.6.
None
9h
Hardware DVS
control 2
Control input for selecting the DVS output
voltage in one or more DC-DC Converters.
See Section 15.6.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com