| Electronic Components Datasheet Search |
|
WM8321 Datasheet(PDF) 132 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8321 Datasheet(HTML) 132 Page - Wolfson Microelectronics plc |
|
132 / 253 page ![]() WM8321 Production Data w PD, February 2012, Rev 4.0 132 24.4 SUPPLY VOLTAGE MONITORING The WM8321 includes a number of mechanisms to prevent the system from starting up, or to force it to shut down, when the power sources are critically low. The internal regulator LDO12 is powered from an internal domain equivalent to PVDD and generates an internal supply (VPMIC) to support various “always-on” functions. In the absence of the PVDD supply, LDO12 can be powered from a backup battery. (Note that PVDD is not maintained by the backup battery.) The VPMIC monitoring function controls the Power-On Reset circuit, which sets the threshold below which the WM8321 cannot operate. The operation of the VPMIC monitoring circuit is illustrated in Figure 26. The internal signal PORRST ¯¯¯¯¯¯¯ is governed by the VPOR thresholds. These determine when the WM8321 is kept in the NO POWER state. The internal signal PMICRST ¯¯¯¯¯¯¯¯ is governed by the VRES thresholds. These determine when the WM8321 is kept in the BACKUP state. The VPMIC monitoring thresholds illustrated in Figure 26 are fixed. The voltage levels are defined in the Electrical Characteristics - see Section 7.3. Figure 26 VPMIC Monitoring The operation of the PVDD monitoring circuit is illustrated in Figure 27. The VSHUTDOWN threshold is the voltage below which the WM8321 forces an OFF transition. This threshold voltage is fixed and is defined in the Electrical Characteristics - see Section 7.3. The VSYSOK threshold is the level at which the internal signal SYSOK is asserted. Any ON request will be inhibited if SYSOK is not set. The VSYSOK threshold can be set using the SYSOK_THR register field in accordance with the minimum voltage requirements of the application. Note that a hysteresis margin is added to the SYSOK_THR setting; see Section 7.3 for details. The VSYSLO threshold is the level at which the internal signal SYSLO is asserted. This indicates a PVDD undervoltage condition, at which a selectable response can be initiated. The VSYSLO threshold can be set using the SYSLO_THR register field. The action taken under this undervoltage condition is selected using the SYSLO_ERR_ACT register field, as defined in Table 78. An Interrupt event is associated with the SYSLO condition - see Section 17.2. The SYSLO status can be read from the SYSLO_STS register bit. This bit is asserted when PVDD is below the SYSLO threshold. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |