| Electronic Components Datasheet Search |
|
STM32F205ZC Datasheet(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205ZC Datasheet(HTML) 102 Page - STMicroelectronics |
|
102 / 177 page ![]() Electrical characteristics STM32F20xxx 102/177 Doc ID 15818 Rev 9 5.3.19 Communications interfaces I 2C interface characteristics Unless otherwise specified, the parameters given in Table 50 are derived from tests performed under the ambient temperature, fPCLK1 frequency and VDD supply voltage conditions summarized in Table 12. STM32F205xx and STM32F207xx I 2C interface meets the requirements of the standard I2C communication protocol with the following restrictions: the I/O pins SDA and SCL are mapped to are not “true” open-drain. When configured as open-drain, the PMOS connected between the I/O pin and VDD is disabled, but is still present. The I 2C characteristics are described in Table 50. Refer also to Section 5.3.16: I/O port characteristics for more details on the input/output alternate function characteristics (SDA and SCL). Table 49. Characteristics of TIMx connected to the APB2 domain(1) 1. TIMx is used as a general term to refer to the TIM1, TIM8, TIM9, TIM10, and TIM11 timers. Symbol Parameter Conditions Min Max Unit tres(TIM) Timer resolution time AHB/APB2 prescaler distinct from 1, fTIMxCLK = 120 MHz 1- tTIMxCLK 8.3 - ns AHB/APB2 prescaler = 1, fTIMxCLK = 60 MHz 1- tTIMxCLK 16.7 - ns fEXT Timer external clock frequency on CH1 to CH4 fTIMxCLK = 120 MHz APB2 = 60 MHz 0 fTIMxCLK/2 MHz 060 MHz ResTIM Timer resolution - 16 bit tCOUNTER 16-bit counter clock period when internal clock is selected 1 65536 tTIMxCLK 0.0083 546 µs tMAX_COUNT Maximum possible count - 65536 × 65536 tTIMxCLK - 35.79 s |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |