| Electronic Components Datasheet Search |
|
STM32F205ZC Datasheet(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205ZC Datasheet(HTML) 110 Page - STMicroelectronics |
|
110 / 177 page ![]() Electrical characteristics STM32F20xxx 110/177 Doc ID 15818 Rev 9 USB OTG FS characteristics The USB OTG interface is USB-IF certified (Full-Spee d). This interface is present in both the USB OTG HS and USB OTG FS controllers. Table 54. USB OTG FS startup time Symbol Parameter Max Unit tSTARTUP (1) 1. Guaranteed by design, not tested in production. USB OTG FS transceiver startup time 1 µs Table 55. USB OTG FS DC electrical characteristics Symbol Parameter Conditions Min.(1) 1. All the voltages are measured from the local ground potential. Typ. Max.(1) Unit Input levels VDD USB OTG FS operating voltage 3.0(2) 2. The STM32F205xx and STM32F207xx USB OTG FS functionality is ensured down to 2.7 V but not the full USB OTG FS electrical characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range. -3.6 V VDI (3) 3. Guaranteed by design, not tested in production. Differential input sensitivity I(USB_FS_DP/DM, USB_HS_DP/DM) 0.2 - - V VCM (3) Differential common mode range Includes VDI range 0.8 - 2.5 VSE (3) Single ended receiver threshold 1.3 - 2.0 Output levels VOL Static output level low RL of 1.5 kΩ to 3.6 V (4) 4. RL is the load connected on the USB OTG FS drivers -- 0.3 V VOH Static output level high RL of 15 kΩ to VSS (4) 2.8 - 3.6 RPD PA11, PA12, PB14, PB15 (USB_FS_DP/DM, USB_HS_DP/DM) VIN = VDD 17 21 24 k Ω PA9, PB13 (OTG_FS_VBUS, OTG_HS_VBUS) 0.65 1.1 2.0 RPU PA12, PB15 (USB_FS_DP, USB_HS_DP) VIN = VSS 1.5 1.8 2.1 PA9, PB13 (OTG_FS_VBUS, OTG_HS_VBUS) VIN = VSS 0.25 0.37 0.55 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |