| Electronic Components Datasheet Search |
|
STM32F205ZC Datasheet(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205ZC Datasheet(HTML) 122 Page - STMicroelectronics |
|
122 / 177 page ![]() Electrical characteristics STM32F20xxx 122/177 Doc ID 15818 Rev 9 Figure 53. 12-bit buffered /non-buffered DAC 1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the DAC_CR register. 5.3.22 Temperature sensor characteristics 5.3.23 VBAT monitoring characteristics R LOAD C LOAD Buffered/Non-buffered DAC DACx_OUT Buffer(1) 12-bit digital to analog converter ai17157 Table 67. TS characteristics Symbol Parameter Min Typ Max Unit TL (1) 1. Based on characterization, not tested in production. VSENSE linearity with temperature - ±1 ±2°C Avg_Slope(1) Average slope - 2.5 mV/°C V25 (1) Voltage at 25 °C - 0.76 V tSTART (2) 2. Guaranteed by design, not tested in production. Startup time - 6 10 µs TS_temp (3)(2) 3. Shortest sampling time can be determined in the application by multiple iterations. ADC sampling time when reading the temperature 1°C accuracy 10 - - µs Table 68. VBAT monitoring characteristics Symbol Parameter Min Typ Max Unit R Resistor bridge for VBAT -50- K Ω Q Ratio on VBAT measurement - 2 - Er(1) 1. Guaranteed by design, not tested in production. Error on Q –1 - +1 % TS_vbat (2)(2) 2. Shortest sampling time can be determined in the application by multiple iterations. ADC sampling time when reading the VBAT 1mV accuracy 5- - µs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |