Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAMAM15P Datasheet(PDF) 221 Page - ITT Industries

Part # DAMAM15P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMAM15P Datasheet(HTML) 221 Page - ITT Industries

Back Button DAMAM15P Datasheet HTML 217Page - ITT Industries DAMAM15P Datasheet HTML 218Page - ITT Industries DAMAM15P Datasheet HTML 219Page - ITT Industries DAMAM15P Datasheet HTML 220Page - ITT Industries DAMAM15P Datasheet HTML 221Page - ITT Industries DAMAM15P Datasheet HTML 222Page - ITT Industries DAMAM15P Datasheet HTML 223Page - ITT Industries DAMAM15P Datasheet HTML 224Page - ITT Industries DAMAM15P Datasheet HTML 225Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
D Subminiature
Reader’s Resource
Panel Mounting
Figure 1A
Figure 1B
Figure 2
Figure 3
Figure
Number
Combination of Mated Connectors
A
+0,76 (.030)
B
+0,76 (.030)
C
+0,76 (.030)
F
±0,25 (.010)
H
+0,76 (.030)
Size
Pin (See Note Below)
Socket
1A, 1B
A, E
Standard
Standard
6,35 (.250)
8,63 (.340)
7,49 (.295)
—
7,49 (.295)
1A, 1B
B, C, D
Standard
Standard
6,04 (.238)
8,71 (.343)
7,56 (.298)
—
7,18 (.283)
2
A, E
Standard
Float Mount
5,53 (.218)
—
6,68 (.263)
3,04 (.120)
—
2
B, C, D
Standard
Float Mount
5,23 (.206)
—
6,75 (.266)
3,04 (.120)
—
2
A, E
Float Mount
Standard
5,53 (.218)
—
6,68 (.263)
3,04 (.120)
—
2
B, C, D
Float Mount
Standard
5,23 (.206)
—
6,37 (.251)
3,30 (.130)
—
3
A, E
Standard
Reverse Float Mount
—
9,09 (.358)
7,95 (.313)
3,04 (.120)
—
3
B, C, D
Standard
Reverse Float Mount
—
9,16 (.361)
7,64 (.301)
3,04 (.120)
—
3
A, E
Reverse Float Mount
Standard
—
9,09 (.358)
7,95 (.313)
3,04 (.120)
—
3
B, C, D
Reverse Float Mount
Standard
—
9,01 (.355)
7,87 (.310)
3,30 (.130)
—
Notes:
1. A, B, C and H are dimensions between panels and represent
the recommended limit to be used in the design of the
connector mounting method.
2. It is recommended that only one assembly, either pin or
socket, be float mounted.
3. Standard pin assemblies contained 0,38 (.015) thick front
shells on E and A sizes; 0,61 (.024) thick front shells on B,
C, and D sizes.
4. Standard connectors accommodate a #4 screw. Float
mount connectors accommodate a #2 screw.
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com