| Electronic Components Datasheet Search |
|
DAMAM15PNM Datasheet(PDF) 172 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMAM15PNM Datasheet(HTML) 172 Page - ITT Industries |
|
172 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 171 D Subminiature Space/High Reliability Materials and Finishes Connector Assembly (Shells — Yellow Chromate over Cadmium) Description Material Finish Shell Brass per QQ-B-613 Yellow chromate over cadmium QQ-P-416, Type II, Class 2 Insulator Diallyl Phthalate glass-filled per MIL-M-14, type SDG-F, Color: White (or functional equivalent polyester)* None Contact Copper alloy Gold 50 microinches min. thickness per MIL-G-45204, Type II, Class 1 over copper per MIL-C-14550 Float Mount, Brackets, Captive Nuts Hardware Brass Yellow chromate over cadmium QQ-P-416, Type II, Class 2 Connector Assembly (Shells — Gold over Copper — K52) Shell Brass per QQ-B-613 Gold 50 microinches min. thickness per MIL-G-45204, Type II, Class 1 over copper per MIL-C-14550 Insulator Diallyl Phthalate glass-filled per MIL-M-14, type SDG-F, Color: White (or functional equivalent polyester)* None Contact Copper alloy Gold 50 microinches min. thickness per MIL-G-45204, Type II, Class 1 over copper per MIL-C-14550 Float Mount, Brackets, Captive Nuts Hardware Brass Gold Coaxial/High Power Contact Assemblies Outer Coaxial Shell Copper alloy Gold 50 microinches min. thickness per MIL-G-45204, Type II, Class 1 over copper per MIL-C-14550 Center Coaxial Contact Copper alloy Gold 50 microinches min. thickness per MIL-G-45204, Type II, Class 1 over copper per MIL-C-14550 Insulator (Coaxial Only) Teflon None Retaining Ring Copper alloy Gold High Power Contact Copper alloy Gold 50 microinches min. thickness per MIL-G-45204, Type II, Class 1 over copper per MIL-C-14550 * Pending qualification |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |