Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1738500000 Datasheet(PDF) 17 Page - Weidmuller

Part # 1738500000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1738500000 Datasheet(HTML) 17 Page - Weidmuller

Back Button 1738500000 Datasheet HTML 13Page - Weidmuller 1738500000 Datasheet HTML 14Page - Weidmuller 1738500000 Datasheet HTML 15Page - Weidmuller 1738500000 Datasheet HTML 16Page - Weidmuller 1738500000 Datasheet HTML 17Page - Weidmuller 1738500000 Datasheet HTML 18Page - Weidmuller 1738500000 Datasheet HTML 19Page - Weidmuller 1738500000 Datasheet HTML 20Page - Weidmuller 1738500000 Datasheet HTML 21Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Cable glands
60
Adaptors
Male thread
3” NPT
21/2” NPT
2” NPT 11/2“ NPT 11/4“ NPT 1“ NPT
3/4“ NPT 1/2“ NPT
M 75
M 63
M 50
M 40
M 32
M 25
M 20
M 16
Female thread
M 16
1737420000 1737430000 1737440000 1737450000 1737460000 1737470000 1737480000 1737490000 1737500000 1737510000 1737520000 1737530000 1737540000 1737550000 1737560000 1737570000
M 20
1737580000 1737590000 1737600000 1737610000 1737620000 1737630000 1737640000 1737650000 1737660000 1737670000 1737680000 1737690000 1737700000 1737710000 1737720000 1737730000
M 25
1737740000 1737750000 1737760000 1737770000 1737780000 1737790000 1737800000 1737810000 1737820000 1737830000 1737840000 1737850000 1737860000 1737870000 1737880000
M 32
1737890000 1737900000 1737910000 1737920000 1737930000 1737940000 1737950000
1737960000 1737970000 1737980000 1737990000 1738000000 1738010000
M 40
1738020000 1738030000 1738040000 1738050000 1738060000 1738070000
1738080000 1738090000 1738100000 1738110000 1738120000
M 50
1738130000 1738140000 1738150000 1738160000 1738170000
1738180000 1738190000 1738200000 1738210000
M 63
1738220000 1738230000 1738240000 1738250000
1738260000 1738270000 1738280000
M 75
1738290000 1738300000 1738310000
1738320000 1738330000
1/2“ NPT
1738340000 1738350000 1738360000 1738370000 1738380000 1738390000 1738400000 1738410000 1738420000 1738430000 1738440000 1738450000 1738460000 1738470000 1738480000 1738490000
3/4“ NPT
1738500000 1738510000 1738520000 1738530000 1738540000 1738550000 1738560000 1738570000 1738580000 1738590000 1738600000 1738610000 1738620000 1738630000 1738640000
1“ NPT
1738650000 1738660000 1738670000 1738680000 1738690000 1738700000
1738710000 1738720000 1738730000 1738740000 1738750000 1738760000
1 1/4“ NPT
1738770000 1738780000 1738790000 1738800000 1738810000 1738820000
1738830000 1738840000 1738850000 1738860000 1738870000
11/2“ NPT
1738880000 1738890000 1738900000 1738910000 1738920000
1738930000 1738940000 1738950000 1738960000
2” NPT
1738970000 1738980000 1738990000 1739000000
1739010000 1739020000 1739030000
21/2” NPT
1739040000 1739050000 1739060000
1739070000 1739080000
3” NPT
1739090000 1739100000
1739110000
T
Technical data
Material:
Nickel plated brass
Temperature:
-40°C ... +100°C
Protection class:
IP54 (with thread sealing ring Type GWDR ...-NP = IP66)
Approval:
in accordance with LCIE 97ATEX6001X
Metric PG adaptors, available soon.
Please contact us


Similar Part No. - 1738500000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173850 FESTO-173850 Datasheet
86Kb / 1P
   Air preparation unit
8/21/22
logo
TE Connectivity Ltd
173850-1 TEC-173850-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results

Similar Description - 1738500000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com