Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1738500000 Datasheet(PDF) 19 Page - Weidmuller

Part # 1738500000
Description  Cable glands
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1738500000 Datasheet(HTML) 19 Page - Weidmuller

Back Button 1738500000 Datasheet HTML 14Page - Weidmuller 1738500000 Datasheet HTML 15Page - Weidmuller 1738500000 Datasheet HTML 16Page - Weidmuller 1738500000 Datasheet HTML 17Page - Weidmuller 1738500000 Datasheet HTML 18Page - Weidmuller 1738500000 Datasheet HTML 19Page - Weidmuller 1738500000 Datasheet HTML 20Page - Weidmuller 1738500000 Datasheet HTML 21Page - Weidmuller 1738500000 Datasheet HTML 22Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Cable glands
62
Technical data
Material:
PVC
Temperature:
-40 °C - 100 °C
Colour:
Black
The protective cap is simply slid or pulled over the cable gland.
The use of protective caps achieves are more effective sealing of
the cable glands via the exterior cable sheath.
This method of sealing protects cable glands in corrosive atmo-
spheres.
Ordering data
Type
Cable Ø
D
L
L1
Qty.
Cat. No.
Protection cap No. 4
6.0 - 12.0
20
90
42
20
1736560000
Protection cap No. 5
6.0 - 12.0
20
90
42
20
1736570000
Protection cap No. 6
8.5 - 16.0
25
110
50
20
1736580000
Protection cap No. 7
10.0 - 21.0
31
110
50
20
1736590000
Protection cap No. 8
16.0 - 27.5
43
125
60
20
1736600000
Protection cap No. 9
21.0 - 34.0
50
135
70
20
1736610000
Protection cap No. 10
27.0 - 41.0
57
150
75
20
1736620000
Protection cap No. 11
33.0 - 48.0
67
165
80
10
1736630000
Protection cap No. 12
40.0 - 56.0
75
170
82
10
1736640000
Protection cap No. 13
47.0 - 65.0
89
190
97
10
1736650000
Protection cap No. 14
54.0 - 74.0
100
205
105
5
1736660000
Protection cap No. 15
63.0 - 83.0
115
245
120
5
1736670000
Protection cap No. 16
72.0 - 93.0
125
245
120
5
1736680000
all sizes in mm
Technical data
Material:
Steel, nickel plated
Ordering data
Type
Thread
D1
D2
S
Qty.
Cat. No.
Metric safety washers
SZS M 16
M 16
10
1736300000
SZS M 20
M 20
32.8
21.5
1.5
10
1736310000
SZS M 25
M 25
39.8
26.5
1.9
10
1736320000
SZS M 32
M 32
49.3
32.8
1.5
10
1736330000
SZS M 40
M 40
64.5
42.2
1.8
5
1736340000
SZS M 50
M 50
80
53
1.8
5
1736350000
SZS M 63
M 63
100
64
1.9
5
1736360000
all sizes in mm
D1
D2
Accessories
Serated lock washer
Protecting cap (shroud)


Similar Part No. - 1738500000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173850 FESTO-173850 Datasheet
86Kb / 1P
Air preparation unit
8/21/22
logo
TE Connectivity Ltd
173850-1 TEC-173850-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
More results

Similar Description - 1738500000

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
Cable glands, plugs, and breather must be ordered separately
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com