Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1738500000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1738500000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1738500000 Datasheet(HTML) 4 Page - Weidmuller

  1738500000 Datasheet HTML 1Page - Weidmuller 1738500000 Datasheet HTML 2Page - Weidmuller 1738500000 Datasheet HTML 3Page - Weidmuller 1738500000 Datasheet HTML 4Page - Weidmuller 1738500000 Datasheet HTML 5Page - Weidmuller 1738500000 Datasheet HTML 6Page - Weidmuller 1738500000 Datasheet HTML 7Page - Weidmuller 1738500000 Datasheet HTML 8Page - Weidmuller 1738500000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Cable glands
47
A: Inner sheath
B: Lead sheath
C: Armouring (steel strip / SWA / braided)
D: Outer sheath
1: Gland
2: Sealing washer for inner cable sheath
3: Clamping module / Earthing of armouring
4: Base
5: Sealing washer for outer cable sheath
6: Washers
7: Union nut
1: Gland
2: Clamping module
3: Sealing washer
4: Union nut
1: Gland
2: Sealing washer
3: Washer
4: Union nut
E: Outer sheath
Non-armoured cable
Armoured cable
Cable glands for non-armoured cable
Cable glands for armoured cable
Cable glands
Criteria for the selection of cable glands Type ADE
Define the installation area, in which you want to use the glands
Define the cable types to determine the requested functions
Check the dimensions of the outer cable sheath
Check the size and type of reinforcement
Check the dimensions of the inner cable sheath
Check the dimensions of the lead sheath
Determine the environmental condition
Check the accessories
Installation instructions for endangered areas in accordance with the Standards CENELEC EN 50014 - 50018 - 50019
Increased safety to Standard EN 50019; direct thread insertion into the enclosure or with a lock nut.
Unused insertions have to be closed with a certified stopping plug.
Flame protected in accordance with EN 50018; direct thread insertion into the enclosure with five full pitches (approx. 8 mm);
Unused insertion have to be closed with a certified stopping plug.


Similar Part No. - 1738500000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173850 FESTO-173850 Datasheet
86Kb / 1P
   Air preparation unit
8/21/22
logo
TE Connectivity Ltd
173850-1 TEC-173850-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results

Similar Description - 1738500000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com