Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1738500000 Datasheet(PDF) 13 Page - Weidmuller

Part # 1738500000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1738500000 Datasheet(HTML) 13 Page - Weidmuller

Back Button 1738500000 Datasheet HTML 9Page - Weidmuller 1738500000 Datasheet HTML 10Page - Weidmuller 1738500000 Datasheet HTML 11Page - Weidmuller 1738500000 Datasheet HTML 12Page - Weidmuller 1738500000 Datasheet HTML 13Page - Weidmuller 1738500000 Datasheet HTML 14Page - Weidmuller 1738500000 Datasheet HTML 15Page - Weidmuller 1738500000 Datasheet HTML 16Page - Weidmuller 1738500000 Datasheet HTML 17Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Cable glands
56
Lock nut Plastic
Lock nut Plastic Ex
Lock nut for securing plastic cable glands in accordance with
DIN 46320.
Lock nut for securing cable glands used in Ex-areas in
accordance with LCIE 97ATEX6007X.
Technical data
Material:
Polyamide, glass fibre reinforced
Temperature:
-40°C ... +70°C
Colour:
similar grey RAL 7035
DIN:
46320
Technical data
Material:
Polyamide
Temperature:
-40°C ... +70°C
Colour:
similar black RAL 9005
Ordering data
Type
Thread
D
SW
Qty.
Cat. No.
Metric gland lock nut plastic grey
SKMU M12-K GR
M 12 x 1.5
5
18
50
1772440000
SKMU M16-K GR
M 16 x 1.5
5
22
50
1772450000
SKMU M20-K GR
M 20 x 1.5
6
26
50
1772460000
SKMU M25-K GR
M 25 x 1.5
6
32
25
1772470000
SKMU M32-K GR
M 32 x 1.5
7
41
20
1772480000
SKMU M40-K GR
M 40 x 1.5
7
50
20
1772490000
SKMU M50-K GR
M 50 x 1.5
8
60
10
1772500000
SKMU M63-K GR
M 63 x 1.5
8
75
10
1772510000
PG gland lock nut plastic grey
SKMU Pg7-K GR
PG 7
5.0
19
50
1697440000
SKMU Pg9-K GR
PG 9
5.0
22
50
1697450000
SKMU Pg11-K GR
PG 11
5.0
24
50
1697460000
SKMU Pg13.5-K GR
PG 13.5
6.0
27
50
1697470000
SKMU Pg16-K GR
PG 16
6.0
30
25
1697480000
SKMU Pg21-K GR
PG 21
7.0
36
20
1698220000
SKMU Pg29-K GR
PG 29
7.0
46
20
1698230000
SKMU Pg36-K GR
PG 36
8.0
60
10
1698240000
SKMU Pg42-K GR
PG 42
8.0
65
10
1698250000
SKMU Pg48-K GR
PG 48
8.0
70
5
1719090000
all sizes in mm
Ordering data
Type
Thread
D
SW
Qty.
Cat. No.
Metric gland lock nut plastic Ex
SKMU M 16-K SW
M 16 x 1.5
5.0
22
50
1736920000
SKMU M 20-K SW
M 20 x 1.5
6.0
26
50
1736930000
SKMU M 25-K SW
M 25 x 1.5
6.0
32
25
1736940000
SKMU M 32-K SW
M 32 x 1.5
7.0
41
20
1736950000
SKMU M 40-K SW
M 40 x 1.5
7.0
50
10
1736960000
SKMU M 50-K SW
M 50 x 1.5
8.0
60
5
1736970000
SKMU M 63-K SW
M 63 x 1.5
8.0
75
5
1736980000
PG gland lock nut plastic Ex
SKMU Pg7-K SW
PG 7
5.0
19
50
1719100000
SKMU Pg9-K SW
PG 9
5.0
22
50
1719110000
SKMU Pg11-K SW
PG 11
5.0
24
50
1719120000
SKMU Pg13.5-K SW
PG 13.5
6.0
27
50
1719130000
SKMU Pg16-K SW
PG 16
6.0
30
25
1719140000
SKMU Pg21-K SW
PG 21
7.0
36
20
1719150000
SKMU Pg29-K SW
PG 29
7.0
46
20
1719160000
SKMU Pg36-K SW
PG 36
8.0
60
10
1719170000
SKMU Pg42-K SW
PG 42
8.0
65
10
1719180000
SKMU Pg48-K SW
PG 48
8.0
70
5
1719190000
all sizes in mm
Thread
Thread
T


Similar Part No. - 1738500000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173850 FESTO-173850 Datasheet
86Kb / 1P
   Air preparation unit
8/21/22
logo
TE Connectivity Ltd
173850-1 TEC-173850-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results

Similar Description - 1738500000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com