Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1738500000 Datasheet(PDF) 15 Page - Weidmuller

Part # 1738500000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1738500000 Datasheet(HTML) 15 Page - Weidmuller

Back Button 1738500000 Datasheet HTML 11Page - Weidmuller 1738500000 Datasheet HTML 12Page - Weidmuller 1738500000 Datasheet HTML 13Page - Weidmuller 1738500000 Datasheet HTML 14Page - Weidmuller 1738500000 Datasheet HTML 15Page - Weidmuller 1738500000 Datasheet HTML 16Page - Weidmuller 1738500000 Datasheet HTML 17Page - Weidmuller 1738500000 Datasheet HTML 18Page - Weidmuller 1738500000 Datasheet HTML 19Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Cable glands
58
Ordering data
Type
Thread
L
L1
Head-Ø
Qty.
Cat. No.
Metric sealing plug, brass
VP M16 - MS65
M 16
5.0
18
100
1777730000
VP M20 - MS65
M 20
6.5
22
100
1777740000
VP M25 - MS65
M 25
7.0
28
100
1777750000
VP M32 - MS65
M 32
8.0
35
50
1777760000
VP M40 - MS65
M 40
8.0
45
50
1777770000
VP M50 - MS65
M 50
9.0
55
25
1777780000
VP M63 - MS65
M 63
10.0
68
10
1777790000
PG sealing plug, brass
VP 7-MS65
PG 7
8
5
16
50
0521600000
VP 9-MS65
PG 9
7.9
4.5
19
50
0294700000
VP 11-MS65
PG 11
7.9
4.5
22
50
0294800000
VP 13.5-K65
PG 13.5
9.5
6
24
50
0294900000
VP 16-MS65
PG 16
9
6
26
25
0295000000
VP 21-MS65
PG 21
10
6
32
20
0295100000
VP 29-MS65
PG 29
12
8
39
20
0501100000
VP 36-MS65
PG 36
15
9
50
10
0501200000
VP 42-MS65
PG 42
16
10
57
10
0501300000
VP 48-MS65
PG 48
16
10
64
5
1719270000
all sizes in mm
Sealing plug, brass
Technical data
Material:
Nickel plated brass
Sealing:
O-Ring Perbunan
Temperature:
-40°C ... +100°C
Protection class:
IP65
Ordering data
Type
Thread
L
L1
Head Ø
Qty.
Cat. No.
Metric sealing plug, plastic
VP M12-K54
M12 x 1.5
10.0
6
15
100
1776930000
VP M16-K54
M16 x 1.5
11.5
7
19
100
1776920000
VP M20-K54
M20 x 1.5
12.5
7.5
22
100
1776910000
VP M25-K54
M25 x 1.5
15.0
11
27
100
1776900000
VP M32-K54
M32 x 1.5
16.0
11
34
100
1776940000
VP M40-K54
M40 x 1.5
18.0
12
42
50
1776950000
VP M50-K54
M50 x 1.5
20.0
13
52
50
1776960000
VP M63-K54
M63 x 1.5
20.0
14
65
50
1776970000
PG sealing plug, plastic
VP 7-K54
PG 7
8
6
15
50
1719250000
VP 9-K54
PG 9
9
6
19
50
0294760000
VP 11-K54
PG 11
10.5
6.5
22
50
0294860000
VP 13.5-K54
PG 13.5
9.5
6
25
50
0294960000
VP 16-K54
PG 16
9.5
6
27
25
0295060000
VP 21-K54
PG 21
11
8
33
20
0295160000
VP 29-K54
PG 29
12
8
44
20
0501160000
VP 36-K54
PG 36
15
10
55
10
0501260000
VP 42-K54
PG 42
16
10
62
10
0501360000
VP 48-K54
PG 48
16
12
69
5
1719260000
all sizes in mm
Sealing plug, plastic
Technical data
Material:
Polyamide, glass fibre reinforced
Temperature:
-40°C ... +100°C
Protection class:
IP54 (with thread sealing ring Type GWDR ...-PO = IP66)
Colour:
similar Grey RAL 7035
DIN:
46320
Self-sealing version with O-ring made of perbunan.
Also available with a hexagon head.
Glass-fibre reinforced polyamide offers excellent resistance to
numerous chemicals.
Thread
Ø
Thread
Ø


Similar Part No. - 1738500000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173850 FESTO-173850 Datasheet
86Kb / 1P
   Air preparation unit
8/21/22
logo
TE Connectivity Ltd
173850-1 TEC-173850-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results

Similar Description - 1738500000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com