Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8PM-12 Datasheet(PDF) 4 Page - Apollo Electron Co., Ltd.

Part # BCR8PM-12
Description  Standard Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

BCR8PM-12 Datasheet(HTML) 4 Page - Apollo Electron Co., Ltd.

  BCR8PM-12 Datasheet HTML 1Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 2Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 3Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 4Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 5Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TF8A60
4/6
-50
0
50
100
150
0.1
1
10
I
_
GT3
I
+
GT1
I
_
GT1
Junction Temperature [
oC]
10
-2
10
-1
10
0
10
1
10
2
0.1
1
10
Time (sec)
Fig 8. Transient Thermal Impedance
Fig 7. Gate Trigger Current vs.
Junction Temperature


Similar Part No. - BCR8PM-12

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR8PM-12 POWEREX-BCR8PM-12 Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
logo
Apollo Electron Co., Lt...
BCR8PM-12 APOLLOELECTRON-BCR8PM-12 Datasheet
3Mb / 6P
Standard Triac
logo
Powerex Power Semicondu...
BCR8PM-12L POWEREX-BCR8PM-12L Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
125Kb / 8P
Triac Medium Power Use
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
132Kb / 8P
Triac Medium Power Use
More results

Similar Description - BCR8PM-12

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
Standard Triac
TF12A80 APOLLOELECTRON-TF12A80 Datasheet
1Mb / 6P
Standard Triac
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
Standard Triac
TF8A80 APOLLOELECTRON-TF8A80 Datasheet
3Mb / 6P
Standard Triac
TF16A60 APOLLOELECTRON-TF16A60 Datasheet
2Mb / 6P
Standard Triac
logo
Unisonic Technologies
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
40A STANDARD TRIAC
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
40A STANDARD TRIAC
logo
STMicroelectronics
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
STANDARD 4A TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com