Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8PM-12 Datasheet(PDF) 6 Page - Apollo Electron Co., Ltd.

Part # BCR8PM-12
Description  Standard Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

BCR8PM-12 Datasheet(HTML) 6 Page - Apollo Electron Co., Ltd.

  BCR8PM-12 Datasheet HTML 1Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 2Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 3Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 4Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 5Page - Apollo Electron Co., Ltd. BCR8PM-12 Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dim.
mm
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
10.4
10.6
0.409
0.417
B
6.18
6.44
0.243
0.254
C
9.55
9.81
0.376
0.386
D
8.4
8.66
0.331
0.341
E
6.05
6.15
0.238
0.242
F
1.26
1.36
0.050
0.054
G
3.17
3.43
0.125
0.135
H
1.87
2.13
0.074
0.084
I
2.57
2.83
0.101
0.111
J2.54
0.100
K5.08
0.200
L
2.51
2.62
0.099
0.103
M
1.23
1.36
0.048
0.054
N
0.45
0.63
0.018
0.025
O
0.65
0.78
0.0025
0.031
P
5.0
0.197
φ
3.7
0.146
φ 1
3.2
0.126
φ 2
1.5
0.059
TO-220F Package Dimension, Forming
1. T1
2. T2
3. Gate
A
B
C
I
G
L
1
M
E
F
φ 1
H
K
N
O
2
3
J
D
φ 2
φ
P
6/6
TF8A60


Similar Part No. - BCR8PM-12

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR8PM-12 POWEREX-BCR8PM-12 Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
logo
Apollo Electron Co., Lt...
BCR8PM-12 APOLLOELECTRON-BCR8PM-12 Datasheet
3Mb / 6P
Standard Triac
logo
Powerex Power Semicondu...
BCR8PM-12L POWEREX-BCR8PM-12L Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
125Kb / 8P
Triac Medium Power Use
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
132Kb / 8P
Triac Medium Power Use
More results

Similar Description - BCR8PM-12

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
Standard Triac
TF12A80 APOLLOELECTRON-TF12A80 Datasheet
1Mb / 6P
Standard Triac
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
Standard Triac
TF8A80 APOLLOELECTRON-TF8A80 Datasheet
3Mb / 6P
Standard Triac
TF16A60 APOLLOELECTRON-TF16A60 Datasheet
2Mb / 6P
Standard Triac
logo
Unisonic Technologies
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
40A STANDARD TRIAC
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
40A STANDARD TRIAC
logo
STMicroelectronics
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
STANDARD 4A TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com