Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX3225GA Datasheet(PDF) 8 Page - Kyocera Kinseki Corpotation

Part # CX3225GA
Description  3.2횞2.5mm for Automotive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX3225GA Datasheet(HTML) 8 Page - Kyocera Kinseki Corpotation

  CX3225GA Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 8 / 1 page
background image
11.8
×5.5mm for Automotive
Crystal Units
Surface Mount Type CX1255CA
RoHS Compliant
Features
• Crystal unit for automotive electronics
• Small and low profile (11.8
×5.5×2.5mm)
• Ceramic package
• Reflow compatible
• AEC-Q200 qualitied
Applications
• ECU
How to Order
CX1255CA 04000 □□ □ □ □ □□
①
②
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
—
H0
12 pF
Std.
④ Frequency Stability
P
±50×10-6
—
Q
±100×10-6 Std.
⑤Operating Temp. Range ⑥Frequency Temp. Stability
TW
-40 to +150°C
±200×10-6
Std.
⑦ Individual Specification
7.7
5.0
2.7
Recommended Land Pattern
(Unit: mm)
11.8±0.3
7.0
CONNECTION
2.0
Dimensions
(Unit: mm)
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
3500 to 3999kHz
200
Ω max.
4000 to 7999kHz
180
Ω max.
8000 to 11999kHz
120
Ω max.
12000 to 20000kHz
80
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
3500 to 15999kHz
10
μW (500μW max.)
16000 to 20000kHz
10
μW (300μW max.)
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
3500 to 20000
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
CL
12
pF
Frequency Stability
f_tol
±100
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-40 to +150
°C
Storage Temp. Range
T_stg
-40 to +150
°C
Frequency Temp. Characteristics
f_tem
±200
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
4000.000
CX1255CA04000H0QTWZ1
5000.000
CX1255CA05000H0QTWZ1
6000.000
CX1255CA06000H0QTWZ1
8000.000
CX1255CA08000H0QTWZ1
10000.000
CX1255CA10000H0QTWZ1
12000.000
CX1255CA12000H0QTWZ1
16000.000
CX1255CA16000H0QTWZ1
18000.000
CX1255CA18000H0QTWZ1
20000.000
CX1255CA20000H0QTWZ1



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com