Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT100S20LCT Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT100S20LCT
Description  HIGH VOLTAGE SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT100S20LCT Datasheet(HTML) 3 Page - Advanced Power Technology

  APT100S20LCT Datasheet HTML 1Page - Advanced Power Technology APT100S20LCT Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
APT100S20LCT
TYPICAL PERFORMANCE CURVES
Duty cycle = 0.5
TJ = 150°C
Lead Temperature
Limited
400
300
200
100
0
TJ = 125°C
VR = 133V
50A
100A
130A
trr
Qrr
Qrr
trr
IRRM
TJ = -55°C
TJ = 25°C
TJ = 125°C
TJ = 150°C
130A
100A
50A
0
0.5
1.0
1.5
0
200
400
600
800
0
200
400
600
800
0
200
400
600
800
360
300
240
180
120
60
0
2500
2000
1500
1000
500
0
TJ = 125°C
VR = 133V
100A
50A
130A
TJ = 125°C
VR = 133V
120
100
80
60
40
20
0
40
35
30
25
20
15
10
5
0
VF,ANODE-TO-CATHODEVOLTAGE(V)
-diF/dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-diF/dt,CURRENTRATEOFCHANGE(A/µs)
-diF /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
TJ,JUNCTIONTEMPERATURE(°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
VR, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage
1.2
1.0
0.8
0.6
0.4
0.2
0.0
6000
5000
4000
3000
2000
1000
0
0
25
50
75
100
125
150
25
50
75
100
125
150
1
10
100 200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com