Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240 Datasheet(PDF) 2 Page - Marl International Limited

Part # 240
Description  Direct replacement for BA15d
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

240 Datasheet(HTML) 2 Page - Marl International Limited

  240 Datasheet HTML 1Page - Marl International Limited 240 Datasheet HTML 2Page - Marl International Limited 240 Datasheet HTML 3Page - Marl International Limited 240 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
to order
de-rating information
Dimensions in mm (typical)
Not to scale
Lamp Base Style
Series
Metric Equivalent
(mm)
Max. Power Dissipation
(mW)
Intensities (Iv) and colour shades of white (x,y co-ordinates) may vary between leds within a batch
BS EN ISO 9001:2008
approved manufacturer
240 series
29.7
7.5
COLOR DOT DENOTES LED COLOR
BA15d
240
15
225
061
*Typical emission colour Warm White
x
0.4255
0.4390
0.4680
0.4519
y
0.4000
0.4310
0.4385
0.4086
063
*Typical emission colour White
x
0.280
0.264
0.283
0.296
y
0.248
0.267
0.305
0.276
Derating Graph AB
0
10
20
30
40
0.0
100.0
80.0
60.0
40.0
20.0
120.0
Ambient Temperature Ta (°C)
Derating Graph BB
0
10
20
30
40
0.0
100.0
80.0
60.0
40.0
20.0
120.0
50
Ambient Temperature Ta (°C)
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 240 - version 2013-03-05-173248
page 2 of 4


Similar Part No. - 240

ManufacturerPart #DatasheetDescription
logo
Littelfuse
240 LITTELFUSE-240 Datasheet
79Kb / 2P
MINIATURE FUSES - 5x25mm
240 LITTELFUSE-240 Datasheet
79Kb / 2P
5x25mm MINIATURE FUSES
logo
Glenair, Inc.
240-021 GLENAIR-240-021 Datasheet
148Kb / 4P
D-Subminiature Filter Connector
240-021H15PJCAB-P GLENAIR-240-021H15PJCAB-P Datasheet
384Kb / 2P
D-Subminiature Connector EMI Filtered
240-021H15PJCAB-S GLENAIR-240-021H15PJCAB-S Datasheet
384Kb / 2P
D-Subminiature Connector EMI Filtered
More results

Similar Description - 240

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
Direct replacement for BA15d
245-532-93-50 MARL-245-532-93-50 Datasheet
201Kb / 3P
FILAMENT REPLACEMENT LEDs - Ba15d
216 MARL-216 Datasheet
220Kb / 4P
Direct replacement for BA22
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
Direct replacement for BA15s
231 MARL-231 Datasheet
283Kb / 5P
Direct replacement for BA15s
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
253 MARL-253 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
208 MARL-208 Datasheet
271Kb / 5P
Direct replacement for T6.8 Slide Base
217 MARL-217 Datasheet
284Kb / 5P
Direct replacement for E27 (European Standard)
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
Direct replacement for T6.8 Slide Base
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com