Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8601 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8601
Description  50 Ohm SMA Frequency Doubler With Input From2000 MHz To 6000 MHz And Output From 2000 MHz To 6000 MHz With 11 dB Conversion Loss
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8601 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8601 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm SMA Frequency Doubler With Input From 2000 MHz To 6000 MHz And Output From 2000 MHz To 6000 MHz With
11 dB Conversion Loss from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Frequency Doubler With Input From 2000 MHz To 6000 MHz And Output From 2000
MHz To 6000 MHz With 11 dB Conversion Loss PE8601
URL: http://www.pasternack.com/50-ohm-sma-doubler-input-2000-6000-output-2000-6000-11db-loss-pe8601-p.aspx
PE8601
PE8601 REV
50 Ohm SMA Frequency Doubler With Input From
2000 MHz To 6000 MHz And Output From 2000 MHz
To 6000 MHz With 11 dB Conversion Loss



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com